Electronic Components Datasheet Search
  English  ▼

X  

ROB-12341 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # ROB-12341
Description  Servo Gear - Hitec (24T; Metal)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

ROB-12341 Datasheet(HTML) 1 Page - SparkFun Electronics

  ROB-12341 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Servo Gear - Hitec (24T; Metal)
ROB-12341
images are CC BY-NC-SA 3.0
Description: These servo gears are made specifically to fit a Hitec C1 servo spline,
allowing you to mate other gears to your servo. They have 24 teeth with a gear pitch
of 32P, an outer diameter of 0.813”, and utilize the C1 Hitec servo spline.
Actobotics is a robotics building system based around extruded aluminum channels,
gears, precision shafts, and ball bearings. Thanks to the two standardized hole
patterns, nearly all Actobotics components can be intuitively connected together. The
wide range of components makes building complex electromechanical prototypes or
finished projects a reality.
Dimensions:
• Teeth - 24T at 32P
• OD - 0.813”
• C1 Hitec Spline
1/15/2016
https://www.sparkfun.com/products/12341


Similar Part No. - ROB-12341

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12340 SPARKFUN-ROB-12340 Datasheet
90Kb / 1P
   Shaft - D-Shaft (Stainless; 1/4D x 1.375L)
2/11/2016
ROB-12342 SPARKFUN-ROB-12342 Datasheet
98Kb / 1P
   Precision Disc Wheel - 2 (Clear Yellow, 2 Pack)
2/12/2016
ROB-12343 SPARKFUN-ROB-12343 Datasheet
90Kb / 1P
   Rubber Ring - 1.65ID x 1/8W
2/12/2016
ROB-12344 SPARKFUN-ROB-12344 Datasheet
89Kb / 1P
   Shaft - D-Shaft (Stainless; 1/4D x 2.25L)
2/11/2016
ROB-12345 SPARKFUN-ROB-12345 Datasheet
96Kb / 1P
   Hub Spacer - 1/8 (Solid)
2/9/2016
More results

Similar Description - ROB-12341

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12389 SPARKFUN-ROB-12389 Datasheet
95Kb / 1P
   Servo Gear - Hitec (16T; Metal)
1/15/2016
ROB-12258 SPARKFUN-ROB-12258 Datasheet
98Kb / 1P
   Servo Gear - Hitec (12T; Metal)
1/15/2016
ROB-12142 SPARKFUN-ROB-12142 Datasheet
98Kb / 1P
   Servo Gear - Hitec (20T; Metal)
1/15/2016
ROB-12231 SPARKFUN-ROB-12231 Datasheet
100Kb / 1P
   Servo Gear - Hitec (32T; Metal)
1/15/2016
ROB-12418 SPARKFUN-ROB-12418 Datasheet
94Kb / 1P
   Gear - Pinion Gear (24T; 6mm Bore)
1/18/2016
ROB-12225 SPARKFUN-ROB-12225 Datasheet
97Kb / 1P
   Gear - Pinion Gear (24T; 0.25 Bore)
1/18/2016
ROB-12184 SPARKFUN-ROB-12184 Datasheet
101Kb / 1P
   Servo Gear - Futaba (20T; Metal)
1/15/2016
ROB-12440 SPARKFUN-ROB-12440 Datasheet
95Kb / 1P
   Servo Gear - Futaba (16T; Metal)
1/15/2016
logo
List of Unclassifed Man...
SER0002 ETC2-SER0002 Datasheet
138Kb / 3P
   Hitec HS422 Servo
5-30-17
logo
SparkFun Electronics
ROB-14760 SPARKFUN-ROB-14760 Datasheet
111Kb / 2P
   Servo - Generic Metal Gear (Micro Size)
6??9??8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com