Electronic Components Datasheet Search
  English  ▼

X  

ROB-12440 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # ROB-12440
Description  Servo Gear - Futaba (16T; Metal)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

ROB-12440 Datasheet(HTML) 1 Page - SparkFun Electronics

  ROB-12440 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Servo Gear - Futaba (16T; Metal)
ROB-12440
images are CC BY-NC-SA 3.0
Description: These servo gears are made specifically to fit a Futaba 3F servo spline,
allowing you to mate other gears to your servo. They have 16 teeth with a gear pitch
of 32P, an outer diameter of 0.563”, and utilize the 3F Futaba servo spline.
Actobotics is a robotics building system based around extruded aluminum channels,
gears, precision shafts, and ball bearings. Thanks to the two standardized hole
patterns, nearly all Actobotics components can be intuitively connected together. The
wide range of components makes building complex electromechanical prototypes or
finished projects a reality.
Dimensions:
• Teeth - 16T at 32P
• OD - 0.563”
• 3F Futaba Spline
1/15/2016
https://www.sparkfun.com/products/12440


Similar Part No. - ROB-12440

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12441 SPARKFUN-ROB-12441 Datasheet
93Kb / 1P
   Shaft Spacer - 3/8
8/3/2016
ROB-12443 SPARKFUN-ROB-12443 Datasheet
93Kb / 1P
   Servo Hub - Standard (Hitec Standard)
1/15/2016
ROB-12444 SPARKFUN-ROB-12444 Datasheet
91Kb / 1P
   Servo Mount - Servo Plate B
2/10/2016
ROB-12446 SPARKFUN-ROB-12446 Datasheet
90Kb / 1P
   Smooth Belt - 1/8D (12 ID)
2/10/2016
ROB-12447 SPARKFUN-ROB-12447 Datasheet
94Kb / 1P
   Precision Disc Wheel - 4 (Blue, 2 Pack)
2/12/2016
More results

Similar Description - ROB-12440

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12184 SPARKFUN-ROB-12184 Datasheet
101Kb / 1P
   Servo Gear - Futaba (20T; Metal)
1/15/2016
ROB-12389 SPARKFUN-ROB-12389 Datasheet
95Kb / 1P
   Servo Gear - Hitec (16T; Metal)
1/15/2016
ROB-12158 SPARKFUN-ROB-12158 Datasheet
96Kb / 1P
   Gear - Pinion Gear (16T; 0.25 Bore)
1/15/2016
ROB-12248 SPARKFUN-ROB-12248 Datasheet
96Kb / 1P
   Gear - Pinion Gear (16T; 6mm Bore)
1/18/2016
logo
List of Unclassifed Man...
S3003 ETC1-S3003 Datasheet
53Kb / 1P
   FUTABA SERVO
logo
SparkFun Electronics
ROB-12341 SPARKFUN-ROB-12341 Datasheet
97Kb / 1P
   Servo Gear - Hitec (24T; Metal)
1/15/2016
ROB-12142 SPARKFUN-ROB-12142 Datasheet
98Kb / 1P
   Servo Gear - Hitec (20T; Metal)
1/15/2016
ROB-12231 SPARKFUN-ROB-12231 Datasheet
100Kb / 1P
   Servo Gear - Hitec (32T; Metal)
1/15/2016
ROB-12258 SPARKFUN-ROB-12258 Datasheet
98Kb / 1P
   Servo Gear - Hitec (12T; Metal)
1/15/2016
ROB-14760 SPARKFUN-ROB-14760 Datasheet
111Kb / 2P
   Servo - Generic Metal Gear (Micro Size)
6??9??8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com