Electronic Components Datasheet Search
  English  ▼

X  

CDS1 Datasheet(PDF) 1 Page - Schurter Inc.

Part # CDS1
Description  Touch Display Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CDS1 Datasheet(HTML) 1 Page - Schurter Inc.

  CDS1_V02 Datasheet HTML 1Page - Schurter Inc. CDS1_V02 Datasheet HTML 2Page - Schurter Inc. CDS1_V02 Datasheet HTML 3Page - Schurter Inc. CDS1_V02 Datasheet HTML 4Page - Schurter Inc. CDS1_V02 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Metal Line Switches
CDS1
https://www.schurter.com /PG70
Switches
Touch Display Switch
CDS1 unpowered
Example: partial mode pictures
Backside with terminals
See below:
Approvals and Compliances
Description
- Capacitive touch technology in combination with an OLED Display
- Four softkeys and one touch button
- Functions: rotating, swiping horizontally or vertically, and tapping
- Upload of own pictures in png format and animated gif videos via USB
Interface
- No operation system software necessary for the operation of the
CDS1, only the machine simulator runs on MS Windows 7 and higher
- Selection from three interfaces: I2C, SPI, RS232
Unique Selling Proposition
- Configurable Input System
- Full Size Touchscreen
- Round shaped OLED Display
- Plug and Play
Weblinks
pdf data sheet, html datasheet, General Product Information, CAD-
Drawings, Product News, Detailed request for product, Landing Page,
Video


Similar Part No. - CDS1_V02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CDS10CD010D03 ETC1-CDS10CD010D03 Datasheet
512Kb / 5P
Miniature Dipped, Mica Capacitors
CDS10CD010DO3F ETC2-CDS10CD010DO3F Datasheet
281Kb / 4P
Reel packaging available
CDS10CD020D03 ETC1-CDS10CD020D03 Datasheet
512Kb / 5P
Miniature Dipped, Mica Capacitors
CDS10CD020DO3F ETC2-CDS10CD020DO3F Datasheet
281Kb / 4P
Reel packaging available
CDS10CD030D03 ETC1-CDS10CD030D03 Datasheet
512Kb / 5P
Miniature Dipped, Mica Capacitors
More results

Similar Description - CDS1_V02

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
VSD-04X04-LU1 JDSU-VSD-04X04-LU1 Datasheet
546Kb / 2P
Touch Screen Display VOA Switch Tray VSD
logo
Panasonic Semiconductor
EVPAA002K PANASONIC-EVPAA002K Datasheet
146Kb / 8P
LIGHT TOUCH SWITCH
EVPAA202K PANASONIC-EVPAA202K Datasheet
146Kb / 8P
LIGHT TOUCH SWITCH
EVPAA402W PANASONIC-EVPAA402W Datasheet
145Kb / 8P
LIGHT TOUCH SWITCH
EVPAA602W PANASONIC-EVPAA602W Datasheet
145Kb / 8P
LIGHT TOUCH SWITCH
EVPAA802Q PANASONIC-EVPAA802Q Datasheet
146Kb / 8P
LIGHT TOUCH SWITCH
logo
AAEON Technology
AGD-315P AAEON-AGD-315P Datasheet
381Kb / 2P
15" XGA Rugged Touch Display
FOX-81D AAEON-FOX-81D Datasheet
160Kb / 1P
8.4??Heavy-Duty Touch Display
logo
Schurter Inc.
CDS1 SCHURTER-CDS1 Datasheet
509Kb / 5P
Touch Display Switch
logo
Schneider Electric
HMIDT732 SCHNEIDER-HMIDT732 Datasheet
119Kb / 4P
15 Touch Smart Display XG
Aug 11, 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com