Electronic Components Datasheet Search
  English  ▼

X  

CDS1 Datasheet(PDF) 2 Page - Schurter Inc.

Part # CDS1
Description  Touch Display Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CDS1 Datasheet(HTML) 2 Page - Schurter Inc.

  CDS1_V02 Datasheet HTML 1Page - Schurter Inc. CDS1_V02 Datasheet HTML 2Page - Schurter Inc. CDS1_V02 Datasheet HTML 3Page - Schurter Inc. CDS1_V02 Datasheet HTML 4Page - Schurter Inc. CDS1_V02 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Metal Line Switches
CDS1
https://www.schurter.com /PG70
Switches
Technical Data
Electrical Data
Supply Voltage Vcc
3.3 VDC ± 5%
Logic Input Low
min. 70% Vcc
Logic Input High
max. 30% Vcc
Reverse Polarity Protection¹
yes
Connector to internal Mass
Storage
Micro USB-B 2.0
Connector to Customer Sys-
tem Control Unit
JST XHP 10, protected against torsion
Interface to Customer System
Control Unit
I2C (100 kHz or 400 kHz), 4-line SPI or
RS232
Current Consumption (Vcc = 3.3 VDC, RS232 Interface)
All features off, sleep mode
20 mA
Only Touch active
20 mA
Only LED active (white)
110 mA
Only Display active, full white
210 mA
All features on, LED and Dis-
play full white
260 mA
Display
Type
Graphic-PMOLED
Color Resolution
65k colors
Resolution
128 x 128 RGB Pixels
Brightness
90 cd/m2, adjustable in 16 steps
Contrast
2000:1
Viewing Angle
160°
Refresh Rate
25 Pictures per sec.
Display Life Time²
⁾³⁾
min. 11000 h
Home Button LED on 6 o'clock position
Type
RGB
Illumination type
constant, blinking 2x per sec., pumping
from 0% to 100% within 1 sec and back
Brightness
adjustable in 16 steps
Touch Data
Technology
PCAP
Touch Pattern
Full X-Y
Soft Key Positions
3, 6, 9, and 12 o'clock position on the
Touch Wheel
Touch Button Position
Center of the display
Soft Key / Touch Button short 128 to 500 ms
Soft Key / Touch Button long
> 500 ms
Touch Movements
Swipe Left to Right
Swipe Right to Left
Swipe Top to Bottom
Swipe Bottom to Top
Rotation Left
Rotation Right
Tap on Soft Key / Touch Button
System Response Time
< 150 ms
Media Data
Mass Storage Size
4 Mbyte
Picture Format
png
Picture Size
⁴⁾
128 x 128 pixel
File Size for Pictures
max. 20 kByte
Video Format
gif
Video Picture Size
128 x 128 pixel
File Size for Videos
max. 128 kByte
Frame Rate for animated gif
videos
min. 60 ms
Ambient Light Sensor
Sensitive Wavelength Range
390 - 700 nm
Resolution
12 Bit
Mechanical Data
Shock Protection
IK05 acc. to IEC/EN 62262
Screw Tightening Torque for
Mounting Ring
max. 0.2 Nm
Climatical Data
Operating Temperature
-20 to 60 °C
Storage Temperature
-20 to 70 °C
IP Protection Class Front Side IP67 when mounted with Seal Ring
⁵⁾,
IP40 otherwise
Moisture sensitivity level
MSL 1
Material
Housing
PC
Mounting Ring
⁵⁾
PC
Seal Ring
NBR70
Touch Surface
Glass
Product Tests
EMC
IEC/EN 61000-4-2 | IEC/EN 61000-4-3 |
IEC/EN 61000-4-4 | IEC/EN 61000-4-6
| IEC/EN 61000-4-8 | IEC/EN 61000-6-
1:2016 | IEC/EN 61000-6-2:2016 | IEC/
EN 61000-6-3:2011 | IEC/EN 61000-6-
4:2011 | EN 61326-1:2013 | EN 55014-
1:2006 + A1:2009 + A2:2011 | EN
55014-2:2015 | EN 61058-1-1:2015-05
Change of temperature
-25°C / +65°C / 50%RH according to
IEC 60068-2-14 Test N
Damp heat, steady state
40°C / 95%RH / 21 days according to
IEC 60068-2-78
Glow wire test
750°C and 850°C according to IEC/EN
60695-2-11:2014 and IEC/EN 60335-1
1) Mechanical reverse polarity protection made from the combination of the plug and the socket, no internal reverse polarity protection
2) The life time of the display is typically defined as the time it takes for the display to lose half of its brightness and depends on the displayed pictures and animated gif video
pictures. The darker the picutes and the lower the brightness, the longer the display life time
3) The display of static images or videos with static image areas over a long period of time may lead to a so-called burn-in effect, in which the static image remains perma-
nently visible on the display
4) Partial pictures are allowed to have smaller size
5) O-Ring is not included in the 10 pcs package
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.


Similar Part No. - CDS1_V02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CDS10CD010D03 ETC1-CDS10CD010D03 Datasheet
512Kb / 5P
Miniature Dipped, Mica Capacitors
CDS10CD010DO3F ETC2-CDS10CD010DO3F Datasheet
281Kb / 4P
Reel packaging available
CDS10CD020D03 ETC1-CDS10CD020D03 Datasheet
512Kb / 5P
Miniature Dipped, Mica Capacitors
CDS10CD020DO3F ETC2-CDS10CD020DO3F Datasheet
281Kb / 4P
Reel packaging available
CDS10CD030D03 ETC1-CDS10CD030D03 Datasheet
512Kb / 5P
Miniature Dipped, Mica Capacitors
More results

Similar Description - CDS1_V02

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
VSD-04X04-LU1 JDSU-VSD-04X04-LU1 Datasheet
546Kb / 2P
Touch Screen Display VOA Switch Tray VSD
logo
Panasonic Semiconductor
EVPAA002K PANASONIC-EVPAA002K Datasheet
146Kb / 8P
LIGHT TOUCH SWITCH
EVPAA202K PANASONIC-EVPAA202K Datasheet
146Kb / 8P
LIGHT TOUCH SWITCH
EVPAA402W PANASONIC-EVPAA402W Datasheet
145Kb / 8P
LIGHT TOUCH SWITCH
EVPAA602W PANASONIC-EVPAA602W Datasheet
145Kb / 8P
LIGHT TOUCH SWITCH
EVPAA802Q PANASONIC-EVPAA802Q Datasheet
146Kb / 8P
LIGHT TOUCH SWITCH
logo
AAEON Technology
AGD-315P AAEON-AGD-315P Datasheet
381Kb / 2P
15" XGA Rugged Touch Display
FOX-81D AAEON-FOX-81D Datasheet
160Kb / 1P
8.4??Heavy-Duty Touch Display
logo
Schurter Inc.
CDS1 SCHURTER-CDS1 Datasheet
509Kb / 5P
Touch Display Switch
logo
Schneider Electric
HMIDT732 SCHNEIDER-HMIDT732 Datasheet
119Kb / 4P
15 Touch Smart Display XG
Aug 11, 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com