Electronic Components Datasheet Search
  English  ▼

X  

C4710 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # C4710
Description  OCXO Low Phase Noise High Stability SC-Cut Crystal Standard
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4710 Datasheet(HTML) 1 Page - Vectron International, Inc

  C4710 Datasheet HTML 1Page - Vectron International, Inc C4710 Datasheet HTML 2Page - Vectron International, Inc C4710 Datasheet HTML 3Page - Vectron International, Inc C4710 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
C4710
OCXO
Vectron International · www.vectron.com
v.2005-08-25 · page 1 of 4
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
Unit 3119 31st Floor, Jin Mao Tower, 88
Century Boulevard, Shanghai,
P.R. China 200120
+86 21 28909740 tel.
+86 21 28909240 fax
Typical Applications
Features
Test Equipment
Low Phase Noise
Frequency Synthesizers
High Stability
Position Location
SC-Cut Crystal Standard
Satellite Communications
Previous Vectron Model Numbers
6012, MC886 Series, CO-714, C0-717,
CO-718S
Frequency range
5 MHz
20 MHz
Standard frequencies
10Mhz
Frequency stabilities
1 [SC Cut Crystal Standard]
Parameter
Min
Typ
Max.
Units
Operating temp range
Ordering Code
vs. operating temperature range
-10
+10
ppb
0
+70°C
C108
(Referenced to +25°C)
-20
+20
ppb
-20
+70°C
D208
-25
+25
ppb
-40
+70°C
E258
-30
+30
ppb
-40
+85°C
F308
Parameter
Min
Typ
Max.
Units
Condition
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging
/1 day
vs aging
/1 Year
vs. aging
/ year (following Years)
-100
-2.0
-2.0
-1.0
-100
-50
+100
+2.0
+2.0
+1.0
+100
+50
ppb
ppb
ppb
ppb
ppb
ppb
at time of shipment, nominal EFC
VS ± 5%
Load ± 5%
after 72 hours of operation
after 72 hours of operation
Warm-up Time
5
minutes
to
10ppb of final frequency (1 hour reading) @
+25°C
Supply voltage (Oven and Oscillator)
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
Supply voltage [Standard]
11.4
12.0
12.6
VDC
SV120
Supply voltage [Option]
14.25
15.0
15.75
VDC
SV150
Oscillator Power consumption
0.5
Watts
Oven Power consumption
6.0
Watts
during warm-up
2.0
Watts
steady state @ +25°C
RF output
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
Signal [Standard]
Sinewave
RFS
Load
50
Output Power
+3.0
+5.5
+8.0
dBm
50 Ohm load
Harmonics
-30
dBc
50 Ohm load
Signal [Option]
HCMOS
RFH
Load
15
pF
Signal Level (Vol)
0.5
VDC
Signal Level (Voh)
4.5
VDC
Duty cycle
45
55
%
@ (Voh-Vol)/2
Frequency Tuning (EFC)
Parameter
Min
Typ
Max.
Units
Condition
Tuning Range
0.75
1.25
2.0
ppm
Linearity
20
%
Tuning Slope
Positive
Control Voltage Range
0.0
2.5
5.0
VDC


Similar Part No. - C4710

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4710 HAMAMATSU-C4710 Datasheet
133Kb / 2P
   HIGH VOLTAGE POWER SUPPLY UNIT
C4710-01 HAMAMATSU-C4710-01 Datasheet
133Kb / 2P
   HIGH VOLTAGE POWER SUPPLY UNIT
C4710-02 HAMAMATSU-C4710-02 Datasheet
133Kb / 2P
   HIGH VOLTAGE POWER SUPPLY UNIT
C4710-50 HAMAMATSU-C4710-50 Datasheet
133Kb / 2P
   HIGH VOLTAGE POWER SUPPLY UNIT
C4710-51 HAMAMATSU-C4710-51 Datasheet
133Kb / 2P
   HIGH VOLTAGE POWER SUPPLY UNIT
More results

Similar Description - C4710

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4700 VECTRON-C4700 Datasheet
84Kb / 4P
   OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal
C4700 VECTRON-C4700_08 Datasheet
136Kb / 4P
   OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal
C4600 VECTRON-C4600 Datasheet
146Kb / 4P
   OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up
C4500 VECTRON-C4500 Datasheet
233Kb / 5P
   OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
VX-501 VECTRON-VX-501 Datasheet
147Kb / 6P
   Surface Mount Package Reflow Process Compatible AT-Cut Crystal Low Phase Noise Tight Stability
logo
ILSI America LLC
I426 ILSI-I426 Datasheet
127Kb / 2P
   Low Phase Noise OCXO
logo
MICORO CRYSTAL SWITZERL...
MCSO1ES MICROCRYSTAL-MCSO1ES Datasheet
370Kb / 2P
   SC cut quartz crystal
logo
Vishay Siliconix
AXIOM75ULN VISHAY-AXIOM75ULN Datasheet
233Kb / 3P
   Ultra‐Low Phase Noise OCXO
Rev01 2012-01-28
logo
Abracon Corporation
AOCJY7TQ ABRACON-AOCJY7TQ Datasheet
2Mb / 5P
   Ultra-Low Phase Noise OCXO
07.21.15
logo
Advanced XTAL Products
AXIOM2000 AXTAL-AXIOM2000 Datasheet
144Kb / 4P
   Ultra-Low Phase Noise OCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com