Electronic Components Datasheet Search
  English  ▼

X  

C4710 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # C4710
Description  OCXO Low Phase Noise High Stability SC-Cut Crystal Standard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4710 Datasheet(HTML) 2 Page - Vectron International, Inc

  C4710 Datasheet HTML 1Page - Vectron International, Inc C4710 Datasheet HTML 2Page - Vectron International, Inc C4710 Datasheet HTML 3Page - Vectron International, Inc C4710 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
C4710
OCXO
Vectron International · www.vectron.com
v.2005-08-25 · page 2 of 4
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
Unit 3119 31st Floor, Jin Mao Tower, 88
Century Boulevard, Shanghai,
P.R. China 200120
+86 21 28909740 tel.
+86 21 28909240 fax
Reference Voltage Output (Vref)
Parameter
Min
Typ
Max.
Units
Condition
Reference Voltage
4.9
5.0
5.1
VDC
Enclosures
Type A
Type B
Type C
Package Codes:
Code
Height H
Pin Length L
Code
Height H
Pin Length L
Code
Height H
Pin Length L
A1
26.42
6.35
B1
26.42
6.35
C1
26.42
6.35
A2
20.00
6.35
B2
20.00
6.35
C2
20.00
6.35
C3
25.40
6.35
Dimensions: inches [mm]
Dimensions: inches [mm]
Dimensions: inches [mm]
Pin Connections
Pin Connections
Pin Connections
1
Oven Return
1
Electronic Frequency Control Input (EFC)
1
Electronic Frequency Control Input (EFC)
2
Supply Voltage Input Oscillator
2
Reference Voltage Output
2
Reference Voltage Output
3
Electronic Frequency Control Input (EFC)
3
RF Output
3
RF Output
4
Supply Voltage Input Oven
4
Ground (Case)
4
Ground (Case)
5
RF Output
5
Supply Voltage Input (Vs)
5
Supply Voltage Input (Vs)
6
Oscillator and Case Ground
7
Ground (Case)


Similar Part No. - C4710

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4710 HAMAMATSU-C4710 Datasheet
133Kb / 2P
HIGH VOLTAGE POWER SUPPLY UNIT
C4710-01 HAMAMATSU-C4710-01 Datasheet
133Kb / 2P
HIGH VOLTAGE POWER SUPPLY UNIT
C4710-02 HAMAMATSU-C4710-02 Datasheet
133Kb / 2P
HIGH VOLTAGE POWER SUPPLY UNIT
C4710-50 HAMAMATSU-C4710-50 Datasheet
133Kb / 2P
HIGH VOLTAGE POWER SUPPLY UNIT
C4710-51 HAMAMATSU-C4710-51 Datasheet
133Kb / 2P
HIGH VOLTAGE POWER SUPPLY UNIT
More results

Similar Description - C4710

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4500 VECTRON-C4500 Datasheet
233Kb / 5P
OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
C4600 VECTRON-C4600 Datasheet
146Kb / 4P
OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up
C4700 VECTRON-C4700 Datasheet
84Kb / 4P
OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal
VX-501 VECTRON-VX-501 Datasheet
147Kb / 6P
Surface Mount Package Reflow Process Compatible AT-Cut Crystal Low Phase Noise Tight Stability
C4700 VECTRON-C4700_08 Datasheet
136Kb / 4P
OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal
logo
Vishay Siliconix
AXIOM75ULN VISHAY-AXIOM75ULN Datasheet
233Kb / 3P
Ultra‐Low Phase Noise OCXO
Rev01 2012-01-28
logo
MICORO CRYSTAL SWITZERL...
MCSO1ES MICROCRYSTAL-MCSO1ES Datasheet
370Kb / 2P
SC cut quartz crystal
logo
Advanced XTAL Products
AXIOM2000 AXTAL-AXIOM2000 Datasheet
144Kb / 4P
Ultra-Low Phase Noise OCXO
logo
ILSI America LLC
I426 ILSI-I426 Datasheet
127Kb / 2P
Low Phase Noise OCXO
logo
Abracon Corporation
AOCJY7TQ ABRACON-AOCJY7TQ Datasheet
2Mb / 5P
Ultra-Low Phase Noise OCXO
07.21.15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com