Electronic Components Datasheet Search
  English  ▼

X  

C4710 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # C4710
Description  OCXO Low Phase Noise High Stability SC-Cut Crystal Standard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4710 Datasheet(HTML) 3 Page - Vectron International, Inc

  C4710 Datasheet HTML 1Page - Vectron International, Inc C4710 Datasheet HTML 2Page - Vectron International, Inc C4710 Datasheet HTML 3Page - Vectron International, Inc C4710 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
C4710
OCXO
Vectron International · www.vectron.com
v.2005-08-25 · page 3 of 4
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
Unit 3119 31st Floor, Jin Mao Tower, 88
Century Boulevard, Shanghai,
P.R. China 200120
+86 21 28909740 tel.
+86 21 28909240 fax
Additional parameters
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
Phase Noise
3 [Standard]
-80
dBc/Hz
1 Hz
PN1
@ 10 MHz
-120
dBc/Hz
10 Hz
-140
dBc/Hz
100 Hz
-145
dBc/Hz
1 kHz
-150
dBc/Hz
10 kHz
Phase Noise
3 [Option]
-95
dBc/Hz
1 Hz
PN2
@ 10 MHz
-125
dBc/Hz
10 Hz
-150
dBc/Hz
100 Hz
-160
dBc/Hz
1 kHz
-165
dBc/Hz
10 kHz
Weight
100
g
Mechanical Frequency Adjust
Contact Factory
Absolute Maximum Ratings
Parameter
Min
Typ
Max.
Units
Condition
Supply voltage (Vs)
28.0
V
Output Load
50
pF
with HCMOS signal
25
Ohms
with Sinewave signal
Operable temperature range
-55
+85
°C
Storage temperature range
-55
+125
°C
How to Order this Product:
Step 1
Use this worksheet to forward the following information to your factory representative:
Model
Stability Code
Supply Voltage
Code
RF Output Code
Phase Noise Code
Package
Code
Frequency
C4710
Example
:
C4710
D207
SV050
RFH
PN1
A1
10.000Mhz
Step 2
The factory representative will then respond with a Vectron Model Number in the following configuration:
Model
Package Code
Dash
Dash Number
C4710
[Customer Specified Package Code]
-
[Factory Generated 4 digit number]
Typical P/N = C4710A1-0001
Notes:
1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies.
2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control
voltage, load, temperature (25°C)
3 Phase noise degrades with increasing output frequency.
4 Subject to technical modification.
5 Contact factory for availability.


Similar Part No. - C4710

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4710 HAMAMATSU-C4710 Datasheet
133Kb / 2P
HIGH VOLTAGE POWER SUPPLY UNIT
C4710-01 HAMAMATSU-C4710-01 Datasheet
133Kb / 2P
HIGH VOLTAGE POWER SUPPLY UNIT
C4710-02 HAMAMATSU-C4710-02 Datasheet
133Kb / 2P
HIGH VOLTAGE POWER SUPPLY UNIT
C4710-50 HAMAMATSU-C4710-50 Datasheet
133Kb / 2P
HIGH VOLTAGE POWER SUPPLY UNIT
C4710-51 HAMAMATSU-C4710-51 Datasheet
133Kb / 2P
HIGH VOLTAGE POWER SUPPLY UNIT
More results

Similar Description - C4710

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4500 VECTRON-C4500 Datasheet
233Kb / 5P
OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
C4600 VECTRON-C4600 Datasheet
146Kb / 4P
OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up
C4700 VECTRON-C4700 Datasheet
84Kb / 4P
OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal
VX-501 VECTRON-VX-501 Datasheet
147Kb / 6P
Surface Mount Package Reflow Process Compatible AT-Cut Crystal Low Phase Noise Tight Stability
C4700 VECTRON-C4700_08 Datasheet
136Kb / 4P
OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal
logo
Vishay Siliconix
AXIOM75ULN VISHAY-AXIOM75ULN Datasheet
233Kb / 3P
Ultra‐Low Phase Noise OCXO
Rev01 2012-01-28
logo
MICORO CRYSTAL SWITZERL...
MCSO1ES MICROCRYSTAL-MCSO1ES Datasheet
370Kb / 2P
SC cut quartz crystal
logo
Advanced XTAL Products
AXIOM2000 AXTAL-AXIOM2000 Datasheet
144Kb / 4P
Ultra-Low Phase Noise OCXO
logo
ILSI America LLC
I426 ILSI-I426 Datasheet
127Kb / 2P
Low Phase Noise OCXO
logo
Abracon Corporation
AOCJY7TQ ABRACON-AOCJY7TQ Datasheet
2Mb / 5P
Ultra-Low Phase Noise OCXO
07.21.15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com