Electronic Components Datasheet Search
  English  ▼

X  

OPA622AP Datasheet(PDF) 17 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA622AP
Description  Wide-Bandwidth OPERATIONAL AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA622AP Datasheet(HTML) 17 Page - Burr-Brown (TI)

Back Button OPA622AP Datasheet HTML 10Page - Burr-Brown (TI) OPA622AP Datasheet HTML 11Page - Burr-Brown (TI) OPA622AP Datasheet HTML 12Page - Burr-Brown (TI) OPA622AP Datasheet HTML 13Page - Burr-Brown (TI) OPA622AP Datasheet HTML 14Page - Burr-Brown (TI) OPA622AP Datasheet HTML 15Page - Burr-Brown (TI) OPA622AP Datasheet HTML 16Page - Burr-Brown (TI) OPA622AP Datasheet HTML 17Page - Burr-Brown (TI) OPA622AP Datasheet HTML 18Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
OPA622
17
®
RECOMMENDED COMPONENTS VALUES
Table I summarizes recommended component values for
optimum flat frequency response. The recommended values
were determined with a 100
Ω load resistance and a 2pF load
capacitance. Some adjustment of circuit values may be
required, especially with higher load capacitance. According
to the behavior shown in Figure 12, the frequency response
will show a peaking when the ROG is decreased and will
roll off more gradually when ROG is increased. The COTA
capacitor is responsible for the first open-loop pole and a
small external capacitor for the gains +1V/V and +2V/V is
required for stable operation. The package pins, the internal
lead frame, and bond wires form a resonant circuit. A
resistor in the range of 150
Ω to 390Ω in series with all high
impedance inputs will damp the package related resonant
circuit. Also, the feedback resistor R1 is in series with the
inverting high impedance inputs. R1 ≥ 330Ω is recom-
mended for the DIP package and R1 ≥ 150Ω is recommended
for the SO-package.
OPA622AP, IQ = 5mA, RQC = 430Ω
OPA622AU, IQ = 5mA, RQC = 430Ω
PLASTIC DIP
SURFACE-MOUNT
GCL
GCL
Component
+1
+2
+5
+10
–1
–2
UNITS
Component
+1
+2
+5
+10
–1
–2
UNITS
R1
0
330
620
1600
390
470
R1
150
240
470
820
240
300
R2
330
160
180
R2
240
120
91
R3
220
0
0
0
0
0
R3
00
0
0
0
0
ROG
330
150
56
10
200
150
ROG
270
150
47
10
160
100
COTA
2.2
1
1
1
pF
COTA
2.2
1
1
1
pF
RILR
150
150
150
150
150
150
RLR
200
150
200
200
150
150
R4
390
240
R4
240
150
R5
62
62
R6
68
68
Ring
150
150
Ring
150
150
Bandwidth
Bandwidth
VOUT = 0.2Vp-p
170
160
140
110
135
125
MHz
VOUT = 0.2Vp-p
200
170
160
100
180
175
MHz
VOUT = 2.8Vp-p
220
200
170
110
150
150
MHz
VOUT = 2.3Vp-p
250
240
230
100
250
240
MHz
TABLE I. Recommended Components Values for Optimum Frequency Performance.
FIGURE 17. Silkscreen and Test Circuit Board Layouts.


Similar Part No. - OPA622AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA622AP TI1-OPA622AP Datasheet
361Kb / 19P
OPERATIONAL AMPLIFIER
More results

Similar Description - OPA622AP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
Wide Bandwidth, Fast Settling Operational Amplifier
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
OPA623 BURR-BROWN-OPA623 Datasheet
254Kb / 15P
Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
Wide Bandwidth Operational Amplifier
logo
Analog Devices
OP-64 AD-OP-64_15 Datasheet
1Mb / 8P
HIGH SPEED WIDE BANDWIDTH OPERATIONAL AMPLIFIER
REV. 0
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
Wide Bandwidth Operational Amplifier
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com