Electronic Components Datasheet Search
  English  ▼

X  

OPA622AP Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA622AP
Description  Wide-Bandwidth OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA622AP Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA622AP Datasheet HTML 1Page - Burr-Brown (TI) OPA622AP Datasheet HTML 2Page - Burr-Brown (TI) OPA622AP Datasheet HTML 3Page - Burr-Brown (TI) OPA622AP Datasheet HTML 4Page - Burr-Brown (TI) OPA622AP Datasheet HTML 5Page - Burr-Brown (TI) OPA622AP Datasheet HTML 6Page - Burr-Brown (TI) OPA622AP Datasheet HTML 7Page - Burr-Brown (TI) OPA622AP Datasheet HTML 8Page - Burr-Brown (TI) OPA622AP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
OPA622
2
®
SPECIFICATIONS
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
DC-SPECIFICATION
VOLTAGE-FEEDBACK AMPLIFIER (Figure 5)
At VCC = ±5V, IQ = ±5mA, GCL = +2V/V, RLOAD = 100Ω, RSOURCE = 50Ω, RQ = 430Ω, ROG = 150Ω and TA = +25°C, unless otherwise specified.
Power Supply Voltage .........................................................................
±6V
Input Voltage(1) ....................................................................
±V
CC to ±0.7V
Operating Temperature ..................................................... –40
°C to +85°C
Storage Temperature ...................................................... –40
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
DESCRIPTION
NUMBER(1)
OPA622AP
14-Pin Plastic DIP
010
OPA622AU
SO-14 Surface-Mount
235
NOTE:(1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
ABSOLUTE MAXIMUM RATINGS
NOTE: (1) Inputs are internally diode-clamped to
±V
CC.
ORDERING INFORMATION
MODEL
DESCRIPTION
TEMPERATURE RANGE
OPA622AP
14-Pin Plastic DIP
–40
°C to +85°C
OPA622AU
SO-14 Surface-Mount
–40
°C to +85°C
OPA622AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CLOSED-LOOP OUTPUT OFFSET VOLTAGE
Initial
1
±15
mV
vs Temperature
210
µV/°C
vs Supply (tracking)
VCC = ±4.5V to ±5.5V
–46
–50
dB
vs Supply (non-tracking)
VCC = +4.5V to +5.5V
–43
dB
vs Supply (non-tracking)
VCC = –4.5V to –5.5V
–51
dB
INPUT BIAS CURRENT
Initial
–1.2
±4
µA
vs Temperature
7
nA/
°C
vs Supply (tracking)
VCC = ±4.5V to ±5.5V
29
nA/V
vs Supply (non-tracking)
VCC = +4.5V to +5.5V
170
nA/V
vs Supply (non-tracking)
VCC = –4.5V to –5.5V
58
nA/V
OFFSET CURRENT
Input Offset Current
VCM = 0V
0.1
µA
INPUT IMPEDANCE
Differential Mode
2.4 || 1
M
Ω || pF
INPUT NOISE
Voltage Noise Density
f = 100kHz to 100MHz
11
nV/
√MHz
Signal-to-Noise Ratio
S/N = 20 log 0.7/(VN • √5MHz)
89
dB
INPUT VOLTAGE RANGE
Common-Mode Input Range
±3.2
V
Common-Mode Rejection
VI = +2.5V, VO = 0V
78
dB
RATED OUTPUT
GCL = +1
Voltage Output
±3
±3.2
V
Closed-Loop Output Impedance
0.2
Current Output
70
mA
POWER SUPPLY
Rated Voltage
±5V
Derated Performance
±4.5
±5.5
V
Quiescent Current
RQ = 430Ω, IO = 0mA
±4.4
±5
±5.6
mA
Quiescent Current (programmable)
Useful Range, IO = 0mA
3 to 8
mA
TEMPERATURE
Operating
Ambient Temperature
–40
85
°C
Storage
Ambient Temperature
–40
125
°C


Similar Part No. - OPA622AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA622AP TI1-OPA622AP Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA622AP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
logo
Burr-Brown (TI)
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA623 BURR-BROWN-OPA623 Datasheet
254Kb / 15P
   Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
OP-64 AD-OP-64_15 Datasheet
1Mb / 8P
   HIGH SPEED WIDE BANDWIDTH OPERATIONAL AMPLIFIER
REV. 0
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com