Electronic Components Datasheet Search
  English  ▼

X  

OPA622AP Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA622AP
Description  Wide-Bandwidth OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA622AP Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA622AP Datasheet HTML 1Page - Burr-Brown (TI) OPA622AP Datasheet HTML 2Page - Burr-Brown (TI) OPA622AP Datasheet HTML 3Page - Burr-Brown (TI) OPA622AP Datasheet HTML 4Page - Burr-Brown (TI) OPA622AP Datasheet HTML 5Page - Burr-Brown (TI) OPA622AP Datasheet HTML 6Page - Burr-Brown (TI) OPA622AP Datasheet HTML 7Page - Burr-Brown (TI) OPA622AP Datasheet HTML 8Page - Burr-Brown (TI) OPA622AP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
OPA622
3
®
OPA622AP
OPA622AU
PARAMETER
CONDITIONS
TYP
TYP
UNITS
AC-SPECIFICATION
VOLTAGE-FEEDBACK AMPLIFIER (Figure 5)
At VCC = ±5V, IQ = ±5mA, GCL = +2V/V, RLOAD = 100Ω, RSOURCE = 50Ω, RQ = 430Ω, ROG = 150Ω and TA = +25°C, unless otherwise specified.
FREQUENCY DOMAIN
LARGE SIGNAL
VO = 2.8Vp-p, Gain = +1V/V
220
250
MHz
Closed-Loop Bandwidth (–3dB)
VO = 2.8Vp-p, Gain = +2V/V
200
250
MHz
VO = 2.8Vp-p, Gain = +5V/V
170
230
MHz
VO = 2.8Vp-p, Gain = +10V/V
110
110
MHz
VO = 2.8Vp-p, Gain = –1V/V
150
250
MHz
VO = 2.8Vp-p, Gain = –2V/V
160
250
MHz
VO = 5.0Vp-p, Gain = +2V/V
150
200
MHz
SMALL SIGNAL BANDWIDTH
VO = 0.2Vp-p, Gain = +2V/V
150
170
MHz
GROUP DELAY TIME
1.4
1.4
ns
DIFFERENTIAL GAIN
f = 4.43MHz, RLOAD = 150Ω
VO = 0.7V, Gain = +1V/V
0.12
0.12
%
VO = +1.4V, Gain = +2V/V
0.15
0.15
%
DIFFERENTIAL PHASE
f = 4.43MHz, RLOAD = 150Ω
VO = 0.7V, Gain = +1V/V
0.06
0.06
Degrees
VO = +1.4V, Gain = +2V/V
0.08
0.08
Degrees
HARMONIC DISTORTION
Gain = +2V/V
Second Harmonic 2f
f = 10MHz, VO = 2.8Vp-p
–57
–57
dBc
Third Harmonic 3f
–55
–55
dBc
Second Harmonic 2f
f = 30MHz, VO = 2.8Vp-p
–38
–38
dBc
Third Harmonic 3f
–43
–43
dBc
Second Harmonic 2f
f = 50MHz, VO = 2.8Vp-p
–33
–33
dBc
Third Harmonic 3f
–30
–30
dBc
GAIN FLATNESS PEAKING
Gain = +2V/V
VO = 2.8Vp-p, DC to 30MHz
0.12
0.12
dB
VO = 2.8Vp-p, DC to 100MHz
0.3
0.3
dB
TIME DOMAIN
Rise Time
Gain = +2V/V, 10% to 90%
2.4
2.7
ns
VO = 5Vp-p, CL = 2pF
Fall Time
Gain = +2V/V, 10% to 90%
3.5
3.2
ns
VO = 5Vp-p, CL = 2pF
SLEW RATE
Gain = +2V/V, Rise Time = 2ns
VO = 6.2Vp-p
Positive
1500
1700
V/
µs
Negative
1300
1600
V
µs
SETTLING TIME
Gain = +2V/V, Rise Time = 2ns
VO = 2Vp-p, 0.1%
17
17
ns


Similar Part No. - OPA622AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA622AP TI1-OPA622AP Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA622AP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
logo
Burr-Brown (TI)
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA623 BURR-BROWN-OPA623 Datasheet
254Kb / 15P
   Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
OP-64 AD-OP-64_15 Datasheet
1Mb / 8P
   HIGH SPEED WIDE BANDWIDTH OPERATIONAL AMPLIFIER
REV. 0
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com