Electronic Components Datasheet Search
  English  ▼

X  

OPA622AP Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA622AP
Description  Wide-Bandwidth OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA622AP Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA622AP Datasheet HTML 1Page - Burr-Brown (TI) OPA622AP Datasheet HTML 2Page - Burr-Brown (TI) OPA622AP Datasheet HTML 3Page - Burr-Brown (TI) OPA622AP Datasheet HTML 4Page - Burr-Brown (TI) OPA622AP Datasheet HTML 5Page - Burr-Brown (TI) OPA622AP Datasheet HTML 6Page - Burr-Brown (TI) OPA622AP Datasheet HTML 7Page - Burr-Brown (TI) OPA622AP Datasheet HTML 8Page - Burr-Brown (TI) OPA622AP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
OPA622
5
®
QUIESCENT CURRENT vs TEMPERATURE
9
8
7
6
5
4
3
2
1
0
–40
–20
0
20
40
60
80
100
Temperature (°C)
QUIESCENT CURRENT vs R
Q RESISTANCE
9
8
7
6
5
4
3
2
0
200
400
600
800
1000
1200
R
Q (Ω)
INPUT STAGE OFFSET VOLTAGE vs TEMPERATURE
0.5
0
–0.5
–1
–1.5
–2
Temperature (°C)
–40
–20
0
20
40
60
80
100
Positive Input Voltage
Negative Input Voltage
Input Offset Voltage
INPUT OFFSET VOLTAGE vs TIME
100
90
80
70
60
50
40
30
20
10
0
Time (minutes)
0123456
DIP
SO-14
INPUT BIAS CURRENT vs TEMPERATURE
0
–0.2
–0.4
–0.6
–0.8
–1
–1.2
–1.4
Temperature (°C)
–40
–20
0
20
40
60
80
100
Negative Input Bias Current
Input Bias Offset Current
Positive Input Bias Current
TYPICAL PERFORMANCE CURVES
VOLTAGE-FEEDBACK AMPLIFIER (Figure 5)
At VCC = ±5V, IQ = ±5mA, GCL = +2V/V, RLOAD = 100Ω, RSOURCE = 50Ω, RQ = 430Ω, ROG = 150Ω and TA = +25°C, unless otherwise specified.
CLOSED-LOOP OUTPUT OFFSET VOLTAGE
vs TEMPERATURE
15
10
5
0
–5
–10
–15
Temperature (°C)
–40
–20
0
20
40
60
80
100
G
CL = +2V/V


Similar Part No. - OPA622AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA622AP TI1-OPA622AP Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA622AP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
logo
Burr-Brown (TI)
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA623 BURR-BROWN-OPA623 Datasheet
254Kb / 15P
   Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
OP-64 AD-OP-64_15 Datasheet
1Mb / 8P
   HIGH SPEED WIDE BANDWIDTH OPERATIONAL AMPLIFIER
REV. 0
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com