Electronic Components Datasheet Search
  English  ▼

X  

OPA622AP Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA622AP
Description  Wide-Bandwidth OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA622AP Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA622AP Datasheet HTML 1Page - Burr-Brown (TI) OPA622AP Datasheet HTML 2Page - Burr-Brown (TI) OPA622AP Datasheet HTML 3Page - Burr-Brown (TI) OPA622AP Datasheet HTML 4Page - Burr-Brown (TI) OPA622AP Datasheet HTML 5Page - Burr-Brown (TI) OPA622AP Datasheet HTML 6Page - Burr-Brown (TI) OPA622AP Datasheet HTML 7Page - Burr-Brown (TI) OPA622AP Datasheet HTML 8Page - Burr-Brown (TI) OPA622AP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
OPA622
FEATURES
q LARGE SIGNAL BANDWIDTH:
150MHz (AP), 200MHz (AU)
(Voltage-Feedback)
q HIGH OUTPUT CURRENT:
±70mA
q SLEW RATE: 1500V/
µs (AP), 1700V/µs (AU)
q DIFFERENTIAL GAIN: 0.15%
q DIFFERENTIAL PHASE: 0.08
°
q EXCELLENT BANDWIDTH/SUPPLY
CURRENT RATIO: 200MHz/5mA
q LOW INPUT BIAS CURRENT: –1.2
µA
APPLICATIONS
q BROADCAST/HDTV EQUIPMENT
q COMMUNICATIONS
q PULSE/RF AMPLIFIERS
q ACTIVE FILTER
q HIGH SPEED ANALOG SIGNAL
PROCESSING
q MULTIPLIER OUTPUT AMP
q DIFFERENTIATOR FOR DIGITIZED
VIDEO SIGNALS
The feedback buffer stage provides 700MHz band-
width, a very high slew rate, and a very short signal
delay time. It is designed primarily for interstage
buffering and not for driving long cables. When com-
bined with the current-feedback amplifier section, the
OPA622 can be interconnected as a voltage-feedback
amplifier with two identical high-impedance inputs.
In this configuration, it features a low common-mode
gain, low input offset, and, due to the delay time of the
additional feedback buffer, a decrease in frequency
bandwidth compared with the current-feedback
configuration. Unlike “classical” operational amplifi-
ers, the OPA622 achieves a nearly constant bandwidth
over a wide gain and output voltage range. The
external setting of the open-loop gain with R
OG avoids
a large compensation capacitor, improves the slew
rate, and allows a frequency response adaption to
various gains and load conditions.
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
Wide-Bandwidth
OPERATIONAL AMPLIFIER
DESCRIPTION
The OPA622 is a monolithic amplifier component
designed for precision wide-bandwidth systems
including high-resolution video, RF and IF circuitry,
and communications equipment. It includes a mono-
lithic integrated current-feedback operational
amplifier block and a voltage buffer block, which,
when combined, form a voltage-feedback operational
amplifier.
When combined as a current-feedback amplifier, it
provides a 280MHz large-signal bandwidth at
±2.5V
output level and a 1700V/
µs slew rate. The output
buffer stage can deliver
±70mA output current. The
high output current capability allows the OPA622 to
drive two 50
Ω or 75Ω lines with ±3V output swing,
making it ideal along with the low differential
gain/phase errors for RF, IF, and video applications.
®
OPA622
OPA622
VOLTAGE-FEEDBACK
OPA622
VFA
3
4
+In
R
Q
R
1
R
IN
50
–5V
V
IN
I
Q
Adjust
2
8
13
R
OG
9
50
R
2
V
OUT
10
–In
BUF+
BUF–
C
OTA
CURRENT-FEEDBACK
OPA622
CFA
4
+In
R
Q
R
IN
50
–5V
V
IN
I
Q
Adjust
2
13
9
50
R
2
C
OTA
3
100
V
OUT
10
R
1
BUF+
© 1991 Burr-Brown Corporation
PDS-1131E
Printed in U.S.A. March, 1995


Similar Part No. - OPA622AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA622AP TI1-OPA622AP Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA622AP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
logo
Burr-Brown (TI)
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA623 BURR-BROWN-OPA623 Datasheet
254Kb / 15P
   Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
OP-64 AD-OP-64_15 Datasheet
1Mb / 8P
   HIGH SPEED WIDE BANDWIDTH OPERATIONAL AMPLIFIER
REV. 0
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com