Electronic Components Datasheet Search
  English  ▼

X  

OPA622AP Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA622AP
Description  Wide-Bandwidth OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA622AP Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA622AP Datasheet HTML 6Page - Burr-Brown (TI) OPA622AP Datasheet HTML 7Page - Burr-Brown (TI) OPA622AP Datasheet HTML 8Page - Burr-Brown (TI) OPA622AP Datasheet HTML 9Page - Burr-Brown (TI) OPA622AP Datasheet HTML 10Page - Burr-Brown (TI) OPA622AP Datasheet HTML 11Page - Burr-Brown (TI) OPA622AP Datasheet HTML 12Page - Burr-Brown (TI) OPA622AP Datasheet HTML 13Page - Burr-Brown (TI) OPA622AP Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
OPA622
10
®
INPUT PROTECTION
The need for protection from static damage has long been
recognized for MOSFET devices, but all semiconductor
devices deserve protection from this potentially damaging
source. The OPA622 incorporates on-chip ESD protection
diodes as shown in Figure 1. These diodes eliminate the
need for external protection diodes, which can add capaci-
tance and degrade AC performance.
the amplifier input characteristics without necessarily
destroying the device. In precision amplifiers, such changes
may degrade offset and drift noticeably. For this reason,
static protection is strongly recommended when handling the
OPA622.
DISCUSSION
OF PERFORMANCE
The OPA622 provides full-power bandwidth previously
unattainable in monolithic devices. In addition, the amplifier
operates with reduced quiescent. The flexibility of the
OPA622 design provides the speed advantages of a current-
feedback amplifier or the precision advantages of a voltage-
feedback amplifier. The programmable quiescent current
feature also helps to adapt the amplifier to the particular
design requirements.
Figure 2 shows the simplified circuit diagram of the OPA622.
It contains four major sections: the bias circuitry, the OTA,
the output buffer, and the feedback buffer.
BIAS CIRCUITRY
The bias circuitry controls the quiescent current of the signal
processing stages, allows external quiescent current setting
using the resistor RQ connected from Pin 2 to –VCC, sets the
amplifier’s transconductance, and, with its temperature
characteristics, maintains a constant transconductance over
temperature. The quiescent current controls the small-signal
bandwidth and AC behavior. The OPA622 is specified with
a quiescent current of
±5mA with R
Q = 430Ω. The recom-
mended range is
±3mA to ±8mA.
+V
CC
–V
CC
ESD Protection diodes internally
connected to all pins.
Internal
Circuitry
External
Pin
FIGURE 1. Internal ESD Protection.
As shown, all input pins of the OPA622 are protected from
ESD internally by a pair of back-to-back reverse-biased
diodes to either power supply. These diodes begin to con-
duct when the input voltage exceeds either power supply by
about 0.7V. This situation can occur when the amplifier
loses its power supplies while a signal source is still present.
The diodes can typically withstand a continuous current of
30mA without destruction. To ensure long-term reliability,
however, the diode current should be limited externally to
approximately 10mA whenever possible.
The internal protection diodes are designed to withstand
2.5kV (using the Human Body Model) and will provide
adequate ESD protection for most normal handling proce-
dures. However, static damage can cause subtle changes in
R
OG
13
12
+V
CC
2
+In 4
8
12
I
Q Adjust
–V
CC
R
Q (ext.)
100
5
+ BUF –
3
– In
9
4
V
OUT
–V
CC OUT
6
11
+V
CC OUT
OTA
10
Bias
Circuitry
OTA
FB
OB
FIGURE 2. Simplified Circuit Diagram.


Similar Part No. - OPA622AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA622AP TI1-OPA622AP Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA622AP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
logo
Burr-Brown (TI)
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA623 BURR-BROWN-OPA623 Datasheet
254Kb / 15P
   Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
OP-64 AD-OP-64_15 Datasheet
1Mb / 8P
   HIGH SPEED WIDE BANDWIDTH OPERATIONAL AMPLIFIER
REV. 0
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com