Electronic Components Datasheet Search
  English  ▼

X  

OPA622AP Datasheet(PDF) 12 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA622AP
Description  Wide-Bandwidth OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA622AP Datasheet(HTML) 12 Page - Burr-Brown (TI)

Back Button OPA622AP Datasheet HTML 8Page - Burr-Brown (TI) OPA622AP Datasheet HTML 9Page - Burr-Brown (TI) OPA622AP Datasheet HTML 10Page - Burr-Brown (TI) OPA622AP Datasheet HTML 11Page - Burr-Brown (TI) OPA622AP Datasheet HTML 12Page - Burr-Brown (TI) OPA622AP Datasheet HTML 13Page - Burr-Brown (TI) OPA622AP Datasheet HTML 14Page - Burr-Brown (TI) OPA622AP Datasheet HTML 15Page - Burr-Brown (TI) OPA622AP Datasheet HTML 16Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
OPA622
12
®
CONFIGURATIONS
VOLTAGE-FEEDBACK AMPLIFIER
The OPA622’s internal design differs from a “classical”
operational amplifier structure, but it can nevertheless be
used in all traditional operational amplifier applications. As
with conventional op amps, the feedback network connected
to the inverting input controls closed-loop gain (GCL). But
with the OPA622, the resistor ROG is simultaneously adapted
to the closed-loop gain, optimizing the frequency response
and stability.
The “classical” differential input stage consists of two
identical transistors with an emitter degeneration resistor,
two current sources, and an active load diode. However, the
classical configuration limits the current through the gain
transistor to that supplied by the current sources.
In the new design, a complementary push-pull buffer (emit-
ter follower) replaces one side of the differential stage
without the 0.7V offset. The feedback buffer as a second
complementary emitter follower and the open-loop gain
resistor ROG connected between the outputs recreate the
differential stage without the disadvantages of the classical
design. The current charging the parasitic capacitance at the
base of the gain transistor is no longer limited to the fixed
current of the current sources and is proportional to the input
signal. This improvement results in an approximately
10-times better slew rate.
The amplified current through the gain transistor of one of
the buffers is mirrored and becomes the output current. The
high-impedance output of the OTA is now buffered by the
high current output stage, which is designed to drive long
cables or low-impedance loads at full power.
The identical input buffers reduce the input offset to typi-
cally less than
±7µV. Closed-loop output offset is typically
due to mismatch of the NPN and PNP transistors in the OTA
mirror
±100µV after the output bias current is trimmed.
Figure 5 illustrates the circuit configuration of the voltage-
feedback op amp in a complementary circuit design. The
feedback buffer and the OTA input buffer form the
differential input. Inserting the feedback buffer section trans-
forms the current feedback shown in Figure 4 into the
voltage feedback shown in Figure 5.
The resistor ROG sets the open-loop gain and corresponds to
the emitter degeneration resistor in a classical differential
stage. Because the ROG resistor can be varied externally, a
flat frequency response can be achieved over a wide range
of applications without the need to compensate the amplifier
with a capacitor. In contrast to a current-feedback amplifier,
it is possible to adjust the closed-loop gain using the
feedback resistors and to adjust the open-loop gain indepen-
dently using ROG to optimize the frequency response.
Unlike “classical” operational amplifier structures, the
OPA622 configuration makes it possible to attain a nearly
constant bandwidth for varying closed-loop gains, as well as
improved frequency response and large-signal behavior. In
addition—and also unlike current-feedback op amps—it
provides two identical high-impedance inputs, lower input
offset values, and improved CMRR.
CURRENT-FEEDBACK AMPLIFIER
Figure 4 shows the current-feedback configuration. The
feedback loop is closed from the output to the BUF+
terminal of the OTA section. The shorter feedback loop
FIGURE 5. Voltage-Feedback Amplifier.
9
6
11
V
OUT
+ V
CC OUT
R
1
10
+In
– V
CC OUT
OB
FB
R
OG
R
2
C
OTA
–In
3
8
13
– V
CC
+ V
CC
4
OTA
5
12
C
OTA: Sets the first open-loop pole
R
OG:
Sets the open-loop gain
G
CL = 1 +
R
2
R
1


Similar Part No. - OPA622AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA622AP TI1-OPA622AP Datasheet
361Kb / 19P
OPERATIONAL AMPLIFIER
More results

Similar Description - OPA622AP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
Wide Bandwidth Operational Amplifier
logo
Burr-Brown (TI)
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
Wide Bandwidth, Fast Settling Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA623 BURR-BROWN-OPA623 Datasheet
254Kb / 15P
Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
OP-64 AD-OP-64_15 Datasheet
1Mb / 8P
HIGH SPEED WIDE BANDWIDTH OPERATIONAL AMPLIFIER
REV. 0
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com