Electronic Components Datasheet Search
  English  ▼

X  

OPA622AP Datasheet(PDF) 13 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA622AP
Description  Wide-Bandwidth OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA622AP Datasheet(HTML) 13 Page - Burr-Brown (TI)

Back Button OPA622AP Datasheet HTML 9Page - Burr-Brown (TI) OPA622AP Datasheet HTML 10Page - Burr-Brown (TI) OPA622AP Datasheet HTML 11Page - Burr-Brown (TI) OPA622AP Datasheet HTML 12Page - Burr-Brown (TI) OPA622AP Datasheet HTML 13Page - Burr-Brown (TI) OPA622AP Datasheet HTML 14Page - Burr-Brown (TI) OPA622AP Datasheet HTML 15Page - Burr-Brown (TI) OPA622AP Datasheet HTML 16Page - Burr-Brown (TI) OPA622AP Datasheet HTML 17Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
OPA622
13
®
FIGURE 6. Op Amp Configurations for OPA622.
Amplifiers with an external compensation capacitor allow
optimal frequency adjustment versus closed-loop gain, but
nevertheless do not significantly improve large-signal be-
havior. The most effective solution is to make the open-loop
gain (GOL) externally adjustable.
The widely-used current-feedback op amp type designed
with real complementary circuit techniques overcomes the
internal compensation capacitor and allows the feedback
network to set the open-loop gain. The ratio of the feedback
resistors determines the low-frequency closed-loop gain,
and the parallel impedance defines the amplifier’s open-loop
gain for stable operation and flat frequency response. A
nearly constant bandwidth can be achieved over a wide
range of closed-loop gains. However, current-feedback op
amps suffer from nonidentical inputs and poor input offset
and CMRR. The voltage-feedback op amp OPA622 with its
complementary topology features two identical high-imped-
ance inputs, lower input offset values, and improved CMRR.
The ratio of the feedback resistors determines the low-
frequency closed-loop gain, and the external resistor ROG
sets the open-loop gain to achieve a flat frequency response
over a wide range of closed-loop gains. Since ROG can be
selected, optimized pulse responses are possible even with
larger load capacitances. The OPA622 combines the slew
rate enhancements of a complementary amplifier design
with the precision of a voltage-feedback system.
The hybrid model shown in Figure 9 describes the AC
behavior of a noncompensated wide-band differential op
amp. The open-loop frequency response, which is illustrated
in Figure 10 for various ROG values, is determined by two
without the feedback buffer produces the wider bandwidth
of the current-feedback concept. The additional signal delay
time through the feedback buffer determines the difference
in AC performance between voltage and current feedback.
The specifications for offset voltage, CMMR, and settling
times are the compromise for higher speed.
The open-loop gain for the current-feedback amplifier varies
directly with the closed-loop gain and can be adjusted by
changing the size of R2||R1. For gains of less than 10V/V,
the open-loop gain can be adjusted to achieve bandwidth
independent of gain, but the effects of this adjustment
become limited when second-order effects start to dominate.
Figure 6 gives an overview of the OPA622 inverting and
non-inverting amplifier configurations and shows the equa-
tions for the closed-loop gains.
OPTIMAL FREQUENCY RESPONSE ADJUSTMENT
Conventional voltage-feedback op amps use a compensation
capacitor for stable unity-gain operation. During transitions,
the quiescent current charges and discharges this capacitor,
and both parameters determine the slew rate according to:
SR =
=
This method is not appropriate for wide-band op amps. The
slew rate and thus the large-signal behavior are significantly
reduced, and the bandwidth decreases with increasing closed-
loop gains according to the gain-bandwidth product.
∆ t
C
I
∆ V
OUT
–V
IN
FB
OB
R
2
R
1
G
CL = 1 +
R
1
R
2
R
OG
+V
IN
FB
OB
R
2
R
1
G
CL = –
R
1
R
2
R
OG
V
OUT
Voltage-Feedback
OB
R
2
R
1
G
CL = 1 +
R
1
R
2
+V
IN
OB
R
2
R
1
V
OUT
–V
IN
Current-Feedback
FB
G
CL = –
R
1
R
2
FB
Non-inverting
Inverting
Non-inverting
Inverting
V
OUT
V
OUT
OTA
OTA
OTA
OTA


Similar Part No. - OPA622AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA622AP TI1-OPA622AP Datasheet
361Kb / 19P
OPERATIONAL AMPLIFIER
More results

Similar Description - OPA622AP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
Wide Bandwidth Operational Amplifier
logo
Burr-Brown (TI)
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
Wide Bandwidth, Fast Settling Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA623 BURR-BROWN-OPA623 Datasheet
254Kb / 15P
Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Analog Devices
OP-64 AD-OP-64_15 Datasheet
1Mb / 8P
HIGH SPEED WIDE BANDWIDTH OPERATIONAL AMPLIFIER
REV. 0
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com