Electronic Components Datasheet Search
  English  ▼

X  

OPA622AP Datasheet(PDF) 14 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA622AP
Description  Wide-Bandwidth OPERATIONAL AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA622AP Datasheet(HTML) 14 Page - Burr-Brown (TI)

Back Button OPA622AP Datasheet HTML 10Page - Burr-Brown (TI) OPA622AP Datasheet HTML 11Page - Burr-Brown (TI) OPA622AP Datasheet HTML 12Page - Burr-Brown (TI) OPA622AP Datasheet HTML 13Page - Burr-Brown (TI) OPA622AP Datasheet HTML 14Page - Burr-Brown (TI) OPA622AP Datasheet HTML 15Page - Burr-Brown (TI) OPA622AP Datasheet HTML 16Page - Burr-Brown (TI) OPA622AP Datasheet HTML 17Page - Burr-Brown (TI) OPA622AP Datasheet HTML 18Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
OPA622
14
®
gain) at low closed-loop gains. Harmonic distortion is also
improved with increased open-loop gain. Figure 12 shows the
OPA622 frequency response at GCL = +2V/V and variable
ROG to demonstrate its influence on a flat frequency response.
Slight variation of ROG might be necessary to compensate for
load capacitance. It is possible to achieve optimal pulse
response over a wide range of load capacitances without
overshooting and ringing. As an example, Figure 13 shows a
selection curve for the optimal ROG value versus the load
capacitance at a gain (GCLO) of +2V/V.
THERMAL CONSIDERATIONS
The OPA622 does not require a heat sink for operation in
most environments. A heat sink will, however, reduce the
internal thermal rise, resulting in cooler, more reliable
operation. At extreme temperatures and under full load
conditions, a heat sink is necessary. The internal power
dissipation is given by the equation PD = PDQ + PDL, (PDQ is
the quiescent power dissipation and PDL is the power dissi-
pation in the output stage due to the load). Although the PDQ
is very low (50mW at VCC = ±5V), care should be taken
FIGURE 8. Bandwidth vs Output Voltage (Current-Feedback
Amplifier).
–1
R
2
R
1
R
OG
g
m
g
m
+In
4
13
8
10
3
9
R
T
C
T
V
OUT
T
D
–In
FIGURE 9. Hybrid Model of a Wideband Op Amp.
FIGURE 10. Open-Loop Gain vs R
OG.
60
50
40
30
20
10
0
–10
–20
Frequency (Hz)
10k
100k
1M
10M
100M
1G
0
Ω 27Ω 150Ω 390Ω
R
OG =
20
15
10
5
0
–5
–10
–15
–20
–25
dB
Frequency (HZ)
1M
10M
100M
1G
3G
0.6Vp-p
2.8Vp-p
1.4Vp-p
0.2Vp-p
150
8
+1
1k
20
15
10
5
0
–5
–10
–15
–20
–25
dB
Frequency (HZ)
1M
10M
100M
1G
3G
0.6Vp-p
2.8Vp-p
1.4Vp-p
0.2Vp-p
5.0Vp-p
150
9
+1
150
8
180
180
0.5pF
10
+
13
3
4
G
CL = +2V/V
FIGURE 7. Bandwidth vs Output Voltage (Feedback Buffer ).
time constants. The elements R and COTA between the
current source output and the output buffer form the first
open-loop pole TC. The signal delay time, TD, modelled in
the output buffer, combines several small phase-shifting
time constants and delay times. They are distributed through-
out the amplifier and are also present in the feedback loop.
As shown in Figure 10, an increasing ROG leads to a
decreasing open-loop gain. The ratio of the two time con-
stants, TC and TD, of the open-loop frequency response also
determines the product GOL • GCL for optimal closed-loop
frequency response.
GOL = G+CL
TC and TD are fixed by the op amp design. The purpose of ROG
now is to vary GOL versus GCL to keep the product GOL • GCL
constant, which is the theoretical condition for optimal and
gain-independent frequency response. Figure 11 summarizes
some optimal flat closed-loop responses and indicates the ROG
values. It should be noted that the bandwidth remains rela-
tively constant and ROG has its highest value (low open-loop
T
C
2T
D


Similar Part No. - OPA622AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA622AP TI1-OPA622AP Datasheet
361Kb / 19P
OPERATIONAL AMPLIFIER
More results

Similar Description - OPA622AP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
Wide Bandwidth, Fast Settling Operational Amplifier
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
OPA623 BURR-BROWN-OPA623 Datasheet
254Kb / 15P
Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
Wide Bandwidth Operational Amplifier
logo
Analog Devices
OP-64 AD-OP-64_15 Datasheet
1Mb / 8P
HIGH SPEED WIDE BANDWIDTH OPERATIONAL AMPLIFIER
REV. 0
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
Wide Bandwidth Operational Amplifier
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com