Electronic Components Datasheet Search
  English  ▼

X  

AOJS25 Datasheet(PDF) 3 Page - ETA-USA

Part # AOJS25
Description  25W AC /DC Inrush Current Limit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

AOJS25 Datasheet(HTML) 3 Page - ETA-USA

  AOJS25 Datasheet HTML 1Page - ETA-USA AOJS25 Datasheet HTML 2Page - ETA-USA AOJS25 Datasheet HTML 3Page - ETA-USA AOJS25 Datasheet HTML 4Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
©2014 ETA-USA All Rights Reserved
ETA-USA reserves the right to make changes to the products and specifications without prior notice. Please contact the factory for latest information.
ETA-USA
The Power Professionals
Dimensional Diagram
Derating Curve
80
100
120
20
10
0
40
0
6
0
3
50
70
DERATING CHARACTERISTICS
AMBIENT TEMPERATURE(℃)
80
Others
-10
0
20
60
40
3.3 V
Air flow
Air flow
15mm
or m
ore
Sheet Metal
Air flow
Air flow
Provide punching, etc.
to allow air to pass.
(1) MOUNT A
(2) MOUNT B
ETA-USA
16170 Vineyard Blvd. Suite 180 Morgan Hill, CA 95037 http://www.eta-usa.com
Toll-free (US only): 800-ETA-POWR (800-382-7697) Telephone: 408 778-2793 FAX: 408-779-2753


Similar Part No. - AOJS25

ManufacturerPart #DatasheetDescription
logo
ETA-USA
AOJS240 ETA-USA-AOJS240 Datasheet
1Mb / 5P
   240W AC/DC
AOJS240-12 ETA-USA-AOJS240-12 Datasheet
1Mb / 5P
   240W AC/DC
AOJS240-15 ETA-USA-AOJS240-15 Datasheet
1Mb / 5P
   240W AC/DC
AOJS240-24 ETA-USA-AOJS240-24 Datasheet
1Mb / 5P
   240W AC/DC
AOJS240-3.3 ETA-USA-AOJS240-3.3 Datasheet
1Mb / 5P
   240W AC/DC
More results

Similar Description - AOJS25

ManufacturerPart #DatasheetDescription
logo
ETA-USA
AOJS150 ETA-USA-AOJS150 Datasheet
2Mb / 6P
   150W AC/DC Inrush Current Limit
AOJS75 ETA-USA-AOJS75 Datasheet
2Mb / 6P
   75W AC/DC Inrush Current Limit
AOJS100 ETA-USA-AOJS100 Datasheet
2Mb / 6P
   100W AC/DC Inrush Current Limit
AOJS35 ETA-USA-AOJS35 Datasheet
1Mb / 4P
   35W AC/DC Inrush Current Limit
2018
AOPS30 ETA-USA-AOPS30 Datasheet
901Kb / 2P
   30W AC/DC Inrush Current Limit
logo
SynQor Worldwide Headqu...
MPFC-115-270-QP SYNQOR-MPFC-115-270-QP Datasheet
6Mb / 16P
   Internal inrush current limit
PFCU390QPX04 SYNQOR-PFCU390QPX04 Datasheet
2Mb / 16P
   Internal inrush current limit
logo
ETA-USA
AOPS15 ETA-USA-AOPS15 Datasheet
1,016Kb / 5P
   15W AC/DC Inrush current protection
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
   AC inrush current limiter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com