Electronic Components Datasheet Search
  English  ▼

X  

AOJS25 Datasheet(PDF) 1 Page - ETA-USA

Part # AOJS25
Description  25W AC /DC Inrush Current Limit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

AOJS25 Datasheet(HTML) 1 Page - ETA-USA

  AOJS25 Datasheet HTML 1Page - ETA-USA AOJS25 Datasheet HTML 2Page - ETA-USA AOJS25 Datasheet HTML 3Page - ETA-USA AOJS25 Datasheet HTML 4Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2014 ETA-USA All Rights Reserved
ETA-USA reserves the right to make changes to the products and specifications without prior notice. Please contact the factory for latest information.
AOJS25-15
A
-
AOJS25-12
AOJS25-9
AOJS25-5
ETA-USA
The Power Professionals
AOJS25
C
D
/
C
A
W
5
2
Unit
AOJS25-3.3
AOJS25-24 AOJS25-48
110V
220V
Available
Features
V
ms
ms
Short Protection
%
74
79
81
82
82
84
85
A
220V
0.3
0.4
110V
0.45
0.7
-
-20~75°C. 20~90% RH (NON condensing)
-
Available
-
Convection cooling
-
Approved
-
-25 ~+70°C with derating. 20~90% RH (NON condensing)
-
AC 3 KV 1min., cut-off: 20mA / DC 500V 100 MO
A
15A(AC IN 110V, LO=100%, 30ºC TYP) 30A(AC IN 220V, LO-100%, Cold Start)
AC100–240V (AC88~264VAC), 50/60Hz(47–440) or DC240-370V (User selectable)
14(AC IN 100V, Io 100%)
1500 max(AC IN 100V, Io=100%)
V
A
12
15
24
48
2.1
1.7
1.1
0.57
3.3
5
9
6
5
2.8
mV
60
75
120
240
17
25
45
mV
60
75
120
240
66
75
50
mV
180
225
360
720
50
75
135
mV
120
120
120
220
80
80
120
mV
100
100
100
180
50
50
100
Ripple & Noise(pk-pk)
Remote Sensing
Voltage, Frequency
Hold-up Time typ.
Turn-on Time typ.
Over Current
Protection(*2)
Efficiency Typ.
Current Typ.
Storage temp. &
Humidity
Remote ON.OFF
Cooling/O.T.P
CB, CE, RU
Operating temp. &
Humidity
(1) Input - Output
Inrush
Current Typ.
Current
Nominal Voltage
Line Regulations
Load Regulations
Temperature Drift 0-50ºC
Ripple
-
Complies with EN55022-B, FCC-B, EN 55011
Conducted Emission
mm/g
79x51x28.5/200
Size(WxLxH) / Weight
-
10~55Hz @ 1G 3 minutes PERIOD, 30 minutes along X, Y & Z axis
Vibration
-
AC 0.5 KV 1min., cut-off: 100mA / DC 500V 100 MO
(3) Output - F.G
-
AC 1.5 KV 1min., cut-off: 20mA / DC 500V 100 MO
(2) Input - F.G
OUTPUT
INPUT
Function
Electrical
Isolation
Environment
Safety
Emission
Dimension
W
25
26
26
27
20
25
25
Rated Power
• Inrush Current Limit
• Wide Input voltage range
• Universal input voltage or user
selectable voltage
• Over voltage protection
• Overcurrent protection
• 3 Yr warranty
MODEL/CHANNEL
ETA-USA
16170 Vineyard Blvd. Suite 180 Morgan Hill, CA 95037 http://www.eta-usa.com
Toll-free (US only): 800-ETA-POWR (800-382-7697) Telephone: 408 778-2793 FAX: 408-779-2753


Similar Part No. - AOJS25

ManufacturerPart #DatasheetDescription
logo
ETA-USA
AOJS240 ETA-USA-AOJS240 Datasheet
1Mb / 5P
   240W AC/DC
AOJS240-12 ETA-USA-AOJS240-12 Datasheet
1Mb / 5P
   240W AC/DC
AOJS240-15 ETA-USA-AOJS240-15 Datasheet
1Mb / 5P
   240W AC/DC
AOJS240-24 ETA-USA-AOJS240-24 Datasheet
1Mb / 5P
   240W AC/DC
AOJS240-3.3 ETA-USA-AOJS240-3.3 Datasheet
1Mb / 5P
   240W AC/DC
More results

Similar Description - AOJS25

ManufacturerPart #DatasheetDescription
logo
ETA-USA
AOJS150 ETA-USA-AOJS150 Datasheet
2Mb / 6P
   150W AC/DC Inrush Current Limit
AOJS75 ETA-USA-AOJS75 Datasheet
2Mb / 6P
   75W AC/DC Inrush Current Limit
AOJS100 ETA-USA-AOJS100 Datasheet
2Mb / 6P
   100W AC/DC Inrush Current Limit
AOJS35 ETA-USA-AOJS35 Datasheet
1Mb / 4P
   35W AC/DC Inrush Current Limit
2018
AOPS30 ETA-USA-AOPS30 Datasheet
901Kb / 2P
   30W AC/DC Inrush Current Limit
logo
SynQor Worldwide Headqu...
MPFC-115-270-QP SYNQOR-MPFC-115-270-QP Datasheet
6Mb / 16P
   Internal inrush current limit
PFCU390QPX04 SYNQOR-PFCU390QPX04 Datasheet
2Mb / 16P
   Internal inrush current limit
logo
ETA-USA
AOPS15 ETA-USA-AOPS15 Datasheet
1,016Kb / 5P
   15W AC/DC Inrush current protection
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
   AC inrush current limiter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com