Electronic Components Datasheet Search
  English  ▼

X  

0622018656 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0622018656
Description  DDR3 DIMM Memory Module Installation Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0622018656 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0622018656 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
PCB Thickness, 240
Circuits, Lead-Free
1.00mm Pitch
Aerodynamic DDR3
DIMM Socket, Very
Low Profile, Vertical,
Press-Fit, with Pegs,
Black Housing and
Latches, 0.76µm
Gold (Au Plating,
2.85mm Compliant
Pin Length, 2.60mm
PCB Thickness, 240
Circuits, Lead-Free
783150011
1mm DDR3 Vt PF
LLLCR Blk .76AuLF
240Ckt
784430102
1.00mm Pitch DDR3
DIMM Socket, Low
LLCR, Press Fit,
Vertical, with Pegs,
Black Housing and
Latches, 0.76µm
Gold (Au) Plating,
3.30mm Solder Tail
Length, 2.36mm
PCB Thickness, 1.5V
Center Voltage Key,
240 Circuits, Lead
Free
784431001
This document was generated on 02/27/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com