Electronic Components Datasheet Search
  English  ▼

X  

STC89LE53RC Datasheet(PDF) 147 Page - List of Unclassifed Manufacturers

Part # STC89LE53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89LE53RC Datasheet(HTML) 147 Page - List of Unclassifed Manufacturers

Back Button STC89LE53RC Datasheet HTML 141Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 142Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 143Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 144Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 145Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 146Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 147Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 148Page - List of Unclassifed Manufacturers STC89LE53RC Datasheet HTML 149Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 147 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
147
附录I:    超强抗干扰测试数据,过 4000V 快速脉冲干扰
                --- 在权威的 SGS 电气实验室测试
SGS
             
WORKSHEET:  EFT Test(EN 61000-4-4)
EUT NAME:STC12C5410AD Development Tool
Environmental conditions
Set-Up EUT for Compliance Test
Test Requirement Standard
EN 61000-4-4
Set up the EUT as
Table-top
Operating mode during test
ON MODE
Detail EUT monitor system:
STC12C5410AD control LED flashing function
Compliance-Test Record
Compliance Test Result On AC Cable ( 2 wire )
Lead under test
Level
EUT operating mode
Observations
L
+/-4kV
ON MODE
NLOF
N
+/-4kV
ON MODE
NLOF
L+N
+/-4kV
ON MODE
NLOF
Test Conclusion and Reason
   Test Conclusion:                 Pass
   Reason(explain why? ):           Class A
Note: This sample pass the Class A(2kV)
      According to the customer’s require up to 4kV,test result:  PASS 4kV
    我们提供过 4000V 快速脉冲干扰辅导服务,陪同在权威的 SGS 电气实验室测试,
1 小时收取人民币 3000 元,提前一周预约。
Iss Date Jan 06 ,2006
Air  Temperature  (℃) 20
Relative Humidity(%RH) 56
Air Pressure (mBar)
1003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com