Electronic Components Datasheet Search
  English  ▼

X  

ECOT8-WW-28 Datasheet(PDF) 1 Page - Quelighting Corp

Part # ECOT8-WW-28
Description  ECOTUBE Economical Grow LED Light Tube for indoor farming systems : 28W
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

ECOT8-WW-28 Datasheet(HTML) 1 Page - Quelighting Corp

  ECOT8-WW-28 Datasheet HTML 1Page - Quelighting Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECOTUBE Economical Grow LED Light Tube
for indoor farming systems : 28W
Features:
● Ultra light weight to save your shipping cost
● Equip with water resistant connector for High reliability
● Multiple spectrum average PPFD~100 µmol/(m
2s) for different crop cultivation and suit for all growing stages
● Transparent and oval diffuser create uniformity and better light distribution
● Select high efficiency LEDs chips for high enger saving
Specifications:
Type
Part No.
ECOT8-WW-28
ECOT8-RBW-25
ECOT8-PCRW-28
ECOT8-RB-28
Photo
AC Input Voltage
AC 100~240V
AC 100~240V
AC 100~240V
AC 100~240V
Rated Power
28W ± 7%
25W ± 7%
28W ± 7%
28W ± 7%
Neutral White
Red/Blue/White
PCRed/ White
Red/Blue
4000K
660nm/450nm/5000K
660nm/5000K
660nm/450nm
PPFD µmol/(m2s)
136.6 µmol/(m
2s)
129.9 µmol/(m
2s)
96.85 µmol/(m
2s)
103.9 µmol/(m
2s)
LED Q'ty
192pcs
192pcs
192pcs
192pcs
PPF µmol/s
68 µmol/s
59.75 µmol/s
58.5 µmol/s
64.35 µmol/s
Efficiency (umol/j)
2.4 µmol/j
2.4 µmol/j
2.1 µmol/j
2.3 µmol/j
LED lifespan
>30,000 hrs
>30,000 hrs
>30,000 hrs
>30,000 hrs
Beam Width
120
o
120
o
120
o
120
o
Approval
Waterproof Grade
Distance from Plants
Dimension
Product finish
Applications:
Spectrum Available:
WW = Neutral White
RBW= Deep Red , Blue , White
PCRW = PCRed, White
RB = Deep Red, Blue
Indoor Farming Container Farm
Multilayer Shelf
PPFD result @ 20cm Height
Use spectrometer test 5 points of PPFD (umol/m
2s)
All parameters tested under 25°C ambient temperature
ECOTUBE Series
W38 x H45 x L 1190mm
all-in-one integrated
20cm
IP 65
CE Declaration , RoHS Compliance
Spectrum
ECOTUBE LAMP -100cm length
1
2
3
4
5
20cm


Similar Part No. - ECOT8-WW-28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ECO VISHAY-ECO Datasheet
566Kb / 4P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)
Revision: 07-Sep-07
ECO VISHAY-ECO Datasheet
132Kb / 4P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)s
01-Jan-2022
logo
3M Electronics
ECO-0034385 3M-ECO-0034385 Datasheet
180Kb / 2P
   3M PASSIVE TWIN AXIAL CABLE ASSEMBLY FOR SFP APPLICATIONS
logo
Bel Fuse Inc.
ECO-105-230 BEL-ECO-105-230 Datasheet
656Kb / 2P
   EcoTran Standard Series Transformer
ECO-105-24 BEL-ECO-105-24 Datasheet
656Kb / 2P
   EcoTran Standard Series Transformer
More results

Similar Description - ECOT8-WW-28

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QPLATE-3045-RBW-40 QUELIGHTING-QPLATE-3045-RBW-40 Datasheet
690Kb / 1P
   Grow LED Light Board for indoor farming systems: 40~100W
FIN-RBW-50 QUELIGHTING-FIN-RBW-50 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
COMBO-WW-40 QUELIGHTING-COMBO-WW-40 Datasheet
1Mb / 2P
   COMBO - LED Grow Light 40W
logo
A-BRIGHT Inc
AB-FT31180WD A-BRIGHT-AB-FT31180WD Datasheet
175Kb / 4P
    LED Fluorescent Tube Light
logo
Rohm
R-FAC20BN1 ROHM-R-FAC20BN1 Datasheet
1Mb / 3P
   2ft LED tube Light
logo
A-BRIGHT Inc
AB-FT42080SWD A-BRIGHT-AB-FT42080SWD Datasheet
175Kb / 4P
    LED Fluorescent Tube Light
AB-FT42093WC A-BRIGHT-AB-FT42093WC Datasheet
185Kb / 4P
   LED Fluorescent Tube Light
AB-FT150693WC A-BRIGHT-AB-FT150693WC Datasheet
185Kb / 4P
   LED Fluorescent Tube Light
AB-FT150693SWC A-BRIGHT-AB-FT150693SWC Datasheet
185Kb / 4P
   LED Fluorescent Tube Light
AB-FT31193WC A-BRIGHT-AB-FT31193WC Datasheet
185Kb / 4P
   LED Fluorescent Tube Light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com