Electronic Components Datasheet Search
  English  ▼

X  

QLLP02YYGF-316 Datasheet(PDF) 4 Page - Quelighting Corp

Part # QLLP02YYGF-316
Description  3mm Bi-color LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLLP02YYGF-316 Datasheet(HTML) 4 Page - Quelighting Corp

  QLLP02YYGF-316 Datasheet HTML 1Page - Quelighting Corp QLLP02YYGF-316 Datasheet HTML 2Page - Quelighting Corp QLLP02YYGF-316 Datasheet HTML 3Page - Quelighting Corp QLLP02YYGF-316 Datasheet HTML 4Page - Quelighting Corp QLLP02YYGF-316 Datasheet HTML 5Page - Quelighting Corp QLLP02YYGF-316 Datasheet HTML 6Page - Quelighting Corp QLLP02YYGF-316 Datasheet HTML 7Page - Quelighting Corp QLLP02YYGF-316 Datasheet HTML 8Page - Quelighting Corp QLLP02YYGF-316 Datasheet HTML 9Page - Quelighting Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3
QLLP02YYGF-xxx V1.0
 ABSOLUTE MAXIMUM RATINGS
Ta=25℃
Characteristic
Symbol
Rating
Unit
Yellow
YellowGreen
Power dissipation
PD
50
50
mW
DC Forward current
IF
20
20
mA
Peak Forward Current
IFP
80
80
mA
Reverse voltage
VR
5
5
V
Electrostatic Discharge(HBM)
ESD
2000
2000
V
Operating temperature
Topr
-40 to +85
Storage temperature
Tstg
-40 to +100
 Electrical Optical Characteristics(Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test
Condition
Luminous intensity
IV (Y)
IV (G)
-
60
40
-
mcd
IF=20mA
Peak Wavelength
λP (Y)
λP (G)
-
585
565
-
nm
Dominant Wavelength
λD (Y)
λD (G)
585
565
590
570
595
575
nm
Forward Voltage
VF (Y)
VF (G)
-
2.1
2.1
2.6
2.6
V
Revere Current
IR
-
-
50
μA
VR=5V
Notes:
*Tolerance of Luminous intensity ±15%
*Tolerance of Dominant Wavelength ±2nm
*Tolerance of Forward Voltage ±0.1V
*When using multiple LEDs at the same time, please use the typ value of Recommended Forward Current to avoid color
difference and uneven brightness notices
*Specifications are subject to change without notices


Similar Description - QLLP02YYGF-316

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL07-WDRG1213 P-TEC-PL07-WDRG1213 Datasheet
29Kb / 1P
3mm (T1) Bi-Color LED
PL82-WDRG1213 P-TEC-PL82-WDRG1213 Datasheet
35Kb / 1P
3mm 3 Leaded Bi-Color LED
PL82-WDRG1213-LF254 P-TEC-PL82-WDRG1213-LF254 Datasheet
30Kb / 1P
3mm 3 Leaded Bi-Color LED
PL82-WDRG2115 P-TEC-PL82-WDRG2115 Datasheet
35Kb / 1P
3mm 3 Leaded Bi-Color LED
PL82-WDRG2115-LF254 P-TEC-PL82-WDRG2115-LF254 Datasheet
30Kb / 1P
3mm 3 Leaded Bi-Color LED
PL83-WDGY1301 P-TEC-PL83-WDGY1301 Datasheet
30Kb / 1P
3mm Bi-Color LED
PL83-WDRG1213 P-TEC-PL83-WDRG1213 Datasheet
30Kb / 1P
3mm Bi-Color LED
PL315-2RG1213 P-TEC-PL315-2RG1213 Datasheet
31Kb / 1P
Bi-Color 3mm LED Right Angle Bi-Level Holder
logo
Bivar, Inc.
3BCC-XX-X BIVAR-3BCC-XX-X Datasheet
782Kb / 2P
T1 (3mm) BI-COLOR LED
01/15/09
3SBC-3-F BIVAR-3SBC-3-F Datasheet
57Kb / 1P
T-1(3mm) BI-COLOR/TRI-COLOR LED
08/13/03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com