Electronic Components Datasheet Search
  English  ▼

X  

QLLP02YYGF-316 Datasheet(PDF) 7 Page - Quelighting Corp

Part # QLLP02YYGF-316
Description  3mm Bi-color LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLLP02YYGF-316 Datasheet(HTML) 7 Page - Quelighting Corp

  QLLP02YYGF-316 Datasheet HTML 1Page - Quelighting Corp QLLP02YYGF-316 Datasheet HTML 2Page - Quelighting Corp QLLP02YYGF-316 Datasheet HTML 3Page - Quelighting Corp QLLP02YYGF-316 Datasheet HTML 4Page - Quelighting Corp QLLP02YYGF-316 Datasheet HTML 5Page - Quelighting Corp QLLP02YYGF-316 Datasheet HTML 6Page - Quelighting Corp QLLP02YYGF-316 Datasheet HTML 7Page - Quelighting Corp QLLP02YYGF-316 Datasheet HTML 8Page - Quelighting Corp QLLP02YYGF-316 Datasheet HTML 9Page - Quelighting Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
6
QLLP02YYGF-xxx V1.0
 Reliability test:
No
Item
Condition
Time/Cycle
Criteria
Ac / Re
Sample size
1
Soldering Heat Test
260℃
5 sec
Open / Short
0 / 1
20 pcs
2
Thermal Shock
0 (5min) ℃ ~100
(5min) ℃
20 cycle
Open / Short
0 / 1
20 pcs
3
High Temp. Storage
100℃
1000 Hrs
Open / Short
0 / 1
20 pcs
4
Low Temp. Storage
-40℃
1000 Hrs
Open / Short
0 / 1
20 pcs
5
Temperature Cycle Test
-40 ~85 ℃
100 Cycles ,
200Hrs
Open / Short
0 / 1
20 pcs
6
High Temp.
High Humidity Test
60 , 90% RH ℃
1000 Hrs
Open / Short
0 / 1
20 pcs
7
DC Operation Life Test
IF=20mA
1000 Hrs
Power decay
≦30%
20 pcs
 Solder Profile:
-The recommended reflow soldering profile is as follows (temperatures indicated are as measured on the surface
of the LED resin):


Similar Description - QLLP02YYGF-316

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL83-WDGY1301 P-TEC-PL83-WDGY1301 Datasheet
30Kb / 1P
   3mm Bi-Color LED
PL83-WDRG1213 P-TEC-PL83-WDRG1213 Datasheet
30Kb / 1P
   3mm Bi-Color LED
PL07-WDRG1213 P-TEC-PL07-WDRG1213 Datasheet
29Kb / 1P
   3mm (T1) Bi-Color LED
logo
Bivar, Inc.
3BCC-XX-X BIVAR-3BCC-XX-X Datasheet
782Kb / 2P
   T1 (3mm) BI-COLOR LED
01/15/09
logo
P-tec Corporation
PL82-WDRG2115-LF254 P-TEC-PL82-WDRG2115-LF254 Datasheet
30Kb / 1P
   3mm 3 Leaded Bi-Color LED
PL82-WDRG2115 P-TEC-PL82-WDRG2115 Datasheet
35Kb / 1P
   3mm 3 Leaded Bi-Color LED
PL82-WDRG1213-LF254 P-TEC-PL82-WDRG1213-LF254 Datasheet
30Kb / 1P
   3mm 3 Leaded Bi-Color LED
PL82-WDRG1213 P-TEC-PL82-WDRG1213 Datasheet
35Kb / 1P
   3mm 3 Leaded Bi-Color LED
logo
Bivar, Inc.
3SBC-3-F BIVAR-3SBC-3-F Datasheet
57Kb / 1P
   T-1(3mm) BI-COLOR/TRI-COLOR LED
08/13/03
logo
P-tec Corporation
PL315-2RG1213 P-TEC-PL315-2RG1213 Datasheet
31Kb / 1P
   Bi-Color 3mm LED Right Angle Bi-Level Holder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com