Electronic Components Datasheet Search
  English  ▼

X  

QLSP20XXEU-309 Datasheet(PDF) 4 Page - Quelighting Corp

Part # QLSP20XXEU-309
Description  High Power 2020 LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP20XXEU-309 Datasheet(HTML) 4 Page - Quelighting Corp

  QLSP20XXEU-309 Datasheet HTML 1Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 2Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 3Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 4Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 5Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 6Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 7Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 8Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3
QLSP20XXEU-309 V1.0
Electrical / Optical Characteristic
(T=25 oC)
Product
Color
IF(mA)
VF(V)
Wavelength
Luminous
Flux(lm)
Refer @ 700mA
Typ.(lm)
Typ.
max
nm (CCT)
min
typ.
QLSP20RBEU
Royal Blue
350
3.0
3.4
450~460
9
17
30
QLSP20BEU
Blue
350
3.0
3.4
465~480
31
40
71
QLSP20GEU
Green
350
3.0
3.4
515~535
100
120
210
QLSP20PCAEU
PC Amber
350
3.0
3.4
NA
100
105
190
QLSP20REU
Red
350
2.2
2.6
615~630
60
70
125
QLSP20CWEU
Cold White
350
3.0
3.4
5000K~6000K
130
150
268
*Tolerance = +/- 7%
Absolute Maximum Rating
(T=25 oC)
Part #
Pd (mW)
IF (mA)
IFP (mA)*
VR (V)
Tj(oC)
TOP (oC)
TST (oC)
TSOL (oC)**
Rth(J-S)
(C/W)***
QLSP20RBEU
4000
1050
1300
5
150
-40~90
-40~100
260
4
QLSP20BEU
4000
1050
1300
5
125
-40~90
-40~100
260
4
QLSP20GEU
4000
1050
1300
5
150
-40~90
-40~100
260
4
QLSP20PCAEU
4000
1050
1300
5
150
-40~90
-40~100
260
4
QLSP20REU
4000
1050
1300
5
125
-40~90
-40~100
260
5
QLSP20CWEU
4000
1050
1300
5
150
-40~90
-40~100
260
4
*Duty 1/10 @ 10Khz
** IR Reflow for no more than 10 sec @ 260 oC
*** Junction to substrate


Similar Part No. - QLSP20XXEU-309

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLSP01WCF-119 QUELIGHTING-QLSP01WCF-119 Datasheet
1Mb / 12P
These high output reflector type Tube LEDs are available in warm white /neutral white / pure white / and cold white to suit customer?셲 application.
1.1 08-26-2019
QLSP01WXL-190 QUELIGHTING-QLSP01WXL-190 Datasheet
997Kb / 14P
3014 High Efficiency LED
1.1 09-23-2019
QLSP02WCE QUELIGHTING-QLSP02WCE Datasheet
1Mb / 18P
This high output reflector type 5630 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
1.2 04-21-2021
QLSP02WNE QUELIGHTING-QLSP02WNE Datasheet
1Mb / 18P
This high output reflector type 5630 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
1.2 04-21-2021
QLSP02WPE QUELIGHTING-QLSP02WPE Datasheet
1Mb / 18P
This high output reflector type 5630 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
1.2 04-21-2021
More results

Similar Description - QLSP20XXEU-309

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
HIGH POWER LED
logo
TAITRON Components Inco...
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
HIGH POWER LED
logo
P-tec Corporation
PL763H-WC3W P-TEC-PL763H-WC3W Datasheet
31Kb / 1P
HIGH POWER LED
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
High Power LED
logo
SparkFun Electronics
COM-14966 SPARKFUN-COM-14966 Datasheet
157Kb / 2P
SparkFun LuMini LED Ring - 2 Inch (40 x APA102-2020)
1-21-19
COM-14965 SPARKFUN-COM-14965 Datasheet
148Kb / 2P
SparkFun LuMini LED Ring - 3 Inch (60 x APA102-2020)
1-21-19
COM-14967 SPARKFUN-COM-14967 Datasheet
142Kb / 2P
SparkFun LuMini LED Ring - 1 Inch (20 x APA102-2020)
1-21-19
COM-15047 SPARKFUN-COM-15047 Datasheet
220Kb / 3P
SparkFun LuMini LED Matrix - 8x8 (64 x APA102-2020)
2-6-19
logo
American Bright OPTOELE...
BB-2020BGR-TRB AMERICANBRIGHT-BB-2020BGR-TRB Datasheet
1Mb / 9P
Addressable, Dimmable, 2020 RGB LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com