Electronic Components Datasheet Search
  English  ▼

X  

QLSP20XXEU-309 Datasheet(PDF) 5 Page - Quelighting Corp

Part # QLSP20XXEU-309
Description  High Power 2020 LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP20XXEU-309 Datasheet(HTML) 5 Page - Quelighting Corp

  QLSP20XXEU-309 Datasheet HTML 1Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 2Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 3Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 4Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 5Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 6Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 7Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 8Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
4
QLSP20XXEU-309 V1.0
Dominate Wavelength (nm) Bin:
Wd (nm)
Color
Code name
Min.
Max.
Royal Blue
DA
450
455
DB
455
460
Blue
DC
460
465
DD
465
470
DE
470
475
DF
475
480
Green
DM
515
520
DN
520
525
DP
525
530
Red
A7
615
620
A8
620
625
A9
625
630
Measurement tolerance is +/- 1nm
Chromaticity Coordinates ( PC Amber )


Similar Part No. - QLSP20XXEU-309

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLSP01WCF-119 QUELIGHTING-QLSP01WCF-119 Datasheet
1Mb / 12P
   These high output reflector type Tube LEDs are available in warm white /neutral white / pure white / and cold white to suit customer?셲 application.
1.1 08-26-2019
QLSP01WXL-190 QUELIGHTING-QLSP01WXL-190 Datasheet
997Kb / 14P
   3014 High Efficiency LED
1.1 09-23-2019
QLSP02WCE QUELIGHTING-QLSP02WCE Datasheet
1Mb / 18P
   This high output reflector type 5630 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
1.2 04-21-2021
QLSP02WNE QUELIGHTING-QLSP02WNE Datasheet
1Mb / 18P
   This high output reflector type 5630 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
1.2 04-21-2021
QLSP02WPE QUELIGHTING-QLSP02WPE Datasheet
1Mb / 18P
   This high output reflector type 5630 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
1.2 04-21-2021
More results

Similar Description - QLSP20XXEU-309

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BB-2020BGR-TRB AMERICANBRIGHT-BB-2020BGR-TRB Datasheet
1Mb / 9P
   Addressable, Dimmable, 2020 RGB LED
logo
SparkFun Electronics
COM-15047 SPARKFUN-COM-15047 Datasheet
220Kb / 3P
   SparkFun LuMini LED Matrix - 8x8 (64 x APA102-2020)
2-6-19
COM-14967 SPARKFUN-COM-14967 Datasheet
142Kb / 2P
   SparkFun LuMini LED Ring - 1 Inch (20 x APA102-2020)
1-21-19
COM-14966 SPARKFUN-COM-14966 Datasheet
157Kb / 2P
   SparkFun LuMini LED Ring - 2 Inch (40 x APA102-2020)
1-21-19
COM-14965 SPARKFUN-COM-14965 Datasheet
148Kb / 2P
   SparkFun LuMini LED Ring - 3 Inch (60 x APA102-2020)
1-21-19
logo
Everlight Electronics C...
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
   HIGH POWER LED
logo
TAITRON Components Inco...
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
   HIGH POWER LED
logo
P-tec Corporation
PL763H-WC3W P-TEC-PL763H-WC3W Datasheet
31Kb / 1P
   HIGH POWER LED
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
   High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
   High Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com