Electronic Components Datasheet Search
  English  ▼

X  

QLSP20XXEU-309 Datasheet(PDF) 11 Page - Quelighting Corp

Part # QLSP20XXEU-309
Description  High Power 2020 LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP20XXEU-309 Datasheet(HTML) 11 Page - Quelighting Corp

Back Button QLSP20XXEU-309 Datasheet HTML 7Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 8Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 9Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 10Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 11Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 12Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 13Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 14Page - Quelighting Corp QLSP20XXEU-309 Datasheet HTML 15Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
10
QLSP20XXEU-309 V1.0
◼ Reliability test:
No
Item
Condition
Time/Cycle
Sample
size
1
Steady State Operating Life of Room
Temperature
25℃ Operating
1000 Hrs
20 pcs
2
Steady State Operating Life of Low
Temperature -40℃
-40℃ Operating
1000 Hrs
20 pcs
3
Steady State Operating Life of Low
Temperature 60℃
60℃ Operating
1000 Hrs
20 pcs
4
Steady State Operating Life of Low
Temperature 85℃
85℃ Operating
1000 Hrs
20 pcs
5
Low temperature storage -40℃
-40℃ Storage
1000 Hrs
20 pcs
6
High temperature storage 100℃
100℃ Storage
1000 Hrs
20 pcs
7
Steady State Operating Life of High
Humidity Heat 60℃90%
60oC/90% Operating
1000 Hrs
20 pcs
8
Steady
State
Pulse
Operating
Life
Condition
25℃10Hz duty=1/10 Operating
200 Cycle
20 pcs
9
Resistance to soldering heat on PCB
(JEDEC MSL3)
pre-store@60℃, 60%RH for
52hrs Tsld max.=260 10sec
3 Times
20 pcs
10
Heat Cycle Test (JEDEC MRC)
25℃~65℃~-10℃, 90%RH,
24hr/1cycle
10 Cycle
20 pcs
11
Thermal shock
-40℃/ 20minr~ 5minr~100℃
/20min
300 Cycle
20 pcs
◼ Judgment Criteria:
Item
Symbol
Test Condition
Judgment
Criteria
Forward Voltage
Vf
350 mA
△Vf< 10%
Luminous Flux
Iv
350 mA
△Iv< 30%


Similar Part No. - QLSP20XXEU-309

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLSP01WCF-119 QUELIGHTING-QLSP01WCF-119 Datasheet
1Mb / 12P
These high output reflector type Tube LEDs are available in warm white /neutral white / pure white / and cold white to suit customer?셲 application.
1.1 08-26-2019
QLSP01WXL-190 QUELIGHTING-QLSP01WXL-190 Datasheet
997Kb / 14P
3014 High Efficiency LED
1.1 09-23-2019
QLSP02WCE QUELIGHTING-QLSP02WCE Datasheet
1Mb / 18P
This high output reflector type 5630 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
1.2 04-21-2021
QLSP02WNE QUELIGHTING-QLSP02WNE Datasheet
1Mb / 18P
This high output reflector type 5630 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
1.2 04-21-2021
QLSP02WPE QUELIGHTING-QLSP02WPE Datasheet
1Mb / 18P
This high output reflector type 5630 LEDs are available in warm /neutral / pure and cold white to suit customer?셲 application.
1.2 04-21-2021
More results

Similar Description - QLSP20XXEU-309

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
HIGH POWER LED
logo
TAITRON Components Inco...
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
HIGH POWER LED
logo
P-tec Corporation
PL763H-WC3W P-TEC-PL763H-WC3W Datasheet
31Kb / 1P
HIGH POWER LED
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
High Power LED
logo
SparkFun Electronics
COM-14966 SPARKFUN-COM-14966 Datasheet
157Kb / 2P
SparkFun LuMini LED Ring - 2 Inch (40 x APA102-2020)
1-21-19
COM-14965 SPARKFUN-COM-14965 Datasheet
148Kb / 2P
SparkFun LuMini LED Ring - 3 Inch (60 x APA102-2020)
1-21-19
COM-14967 SPARKFUN-COM-14967 Datasheet
142Kb / 2P
SparkFun LuMini LED Ring - 1 Inch (20 x APA102-2020)
1-21-19
COM-15047 SPARKFUN-COM-15047 Datasheet
220Kb / 3P
SparkFun LuMini LED Matrix - 8x8 (64 x APA102-2020)
2-6-19
logo
American Bright OPTOELE...
BB-2020BGR-TRB AMERICANBRIGHT-BB-2020BGR-TRB Datasheet
1Mb / 9P
Addressable, Dimmable, 2020 RGB LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com