Electronic Components Datasheet Search
  English  ▼

X  

213069-1700 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 213069-1700
Description  FA2 Crimp Applicator for Milli-Grid Crimp Terminals
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

213069-1700 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  213069-1700 Datasheet HTML 1Page - Molex Electronics Ltd. 213069-1700 Datasheet HTML 2Page - Molex Electronics Ltd. 213069-1700 Datasheet HTML 3Page - Molex Electronics Ltd. 213069-1700 Datasheet HTML 4Page - Molex Electronics Ltd. 213069-1700 Datasheet HTML 5Page - Molex Electronics Ltd. 213069-1700 Datasheet HTML 6Page - Molex Electronics Ltd. 213069-1700 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FA2 Crimp Applicator for Milli-Grid Crimp Terminals
Doc. No: 2130691700
Release Date: 04-03-20
UNCONTROLLED COPY
Page 5 of 7
Revision: B
Revision Date: 08-12-21
ASSEMBLY DRAWING
16
2
36
(2)
38
1
12
33 (3)
25
24
15
31
(2)
27
4
26
3
6
22
9
10
34
28
18
29
33
14
20
32
30
13
27
Figure 1
32
35
17
21
11
8
7
5
37 (2)
19
23
39


Similar Part No. - 213069-1700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
213069-1000 MOLEX-213069-1000 Datasheet
701Kb / 7P
FA2 Crimp Applicator for Pico-SPOX 1.5mm Pitch Crimp Terminals
06-24-20
213069-1100 MOLEX-213069-1100 Datasheet
704Kb / 7P
FA2 Crimp Applicator for Pico-SPOX 1.5mm Pitch Crimp Terminals
06-24-20
213069-1400 MOLEX-213069-1400 Datasheet
695Kb / 7P
FA2 Crimp Applicator for Pico-Lock 2.0 Crimp Terminals
03-24-20
213069-1400 MOLEX-213069-1400 Datasheet
695Kb / 7P
FA2 Crimp Applicator for Pico-Lock 2.0 Crimp Terminals
03-24-20
213069-1410 MOLEX-213069-1410 Datasheet
784Kb / 8P
FA2 Pneumatic Feed Crimp Applicator for Pico-Lock 2.0 Crimp Terminals
09-24-21
More results

Similar Description - 213069-1700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
213069-0900 MOLEX-213069-0900 Datasheet
732Kb / 7P
FA2 Crimp Applicator for Squba 3.6 Med Blade Crimp Terminals
11-05-19
213069-1400 MOLEX-213069-1400 Datasheet
695Kb / 7P
FA2 Crimp Applicator for Pico-Lock 2.0 Crimp Terminals
03-24-20
63808-5900 MOLEX-63808-5900 Datasheet
620Kb / 7P
FA2 Crimp Applicator for Mini-Lock Crimp Terminals
08-31-18
63808-5910 MOLEX-63808-5910 Datasheet
767Kb / 8P
FA2 Pneumatic Feed Crimp Applicator for Mini-Lock Crimp Terminals
08-27-19
213069-0700 MOLEX-213069-0700 Datasheet
725Kb / 7P
FA2 Crimp Applicator for Squba 3.6 Large Blade Crimp Terminals
11-04-19
213069-1100 MOLEX-213069-1100 Datasheet
704Kb / 7P
FA2 Crimp Applicator for Pico-SPOX 1.5mm Pitch Crimp Terminals
06-24-20
213069-1500 MOLEX-213069-1500 Datasheet
699Kb / 7P
FA2 Crimp Applicator for Pico-Lock 2.0 Crimp Terminals
12-21-21
2130690800 MOLEX-2130690800 Datasheet
731Kb / 7P
FA2 Crimp Applicator for Squba 3.6 Med Receptacle Crimp Terminals
11-05-19
2130691400 MOLEX-2130691400 Datasheet
695Kb / 7P
FA2 Crimp Applicator for Pico-Lock 2.0 Crimp Terminals
03-24-20
2130694800 MOLEX-2130694800 Datasheet
697Kb / 7P
FA2 Crimp Applicator for DuraClik Robust (025 Receptacle) Crimp Terminals
01-27-22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com