| Electronic Components Datasheet Search |
|
DC23A Datasheet(PDF) 277 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DC23A Datasheet(HTML) 277 Page - Microchip Technology |
|
277 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 277 PIC24FJ256GA705 FAMILY 23.0 CONFIGURABLE LOGIC CELL (CLC) GENERATOR The Configurable Logic Cell (CLC) module allows the user to specify combinations of signals as inputs to a logic function and to use the logic output to control other peripherals or I/O pins. This provides greater flexibility and potential in embedded designs, since the CLC module can operate outside the limitations of software execution and supports a vast amount of output designs. There are four input gates to the selected logic func- tion. These four input gates select from a pool of up to 32 signals that are selected using four data source selection multiplexers. Figure 23-1 shows an overview of the module. Figure 23-3 shows the details of the data source multiplexers and logic input gate connections. FIGURE 23-1: CLCx MODULE Note: This data sheet summarizes the features of this group of PIC24F devices. It is not intended to be a comprehensive reference source. For more information, refer to the “dsPIC33/PIC24 Family Reference Manual”, “Configurable Logic Cell (CLC)” (DS70005298), which is available from the Microchip website (www.microchip.com). The information in this data sheet supersedes the information in the FRM. Gate 1 Gate 2 Gate 3 Gate 4 Logic Function CLCx LCOE Logic LCPOL MODE<2:0> CLCx CLCIN[0] CLCIN[1] CLCIN[2] CLCIN[3] CLCIN[4] CLCIN[5] CLCIN[6] CLCIN[7] CLCIN[8] CLCIN[9] CLCIN[10] CLCIN[11] CLCIN[12] CLCIN[13] CLCIN[14] CLCIN[15] TRISx Control Interrupt det INTP INTN LCEN CLCxIF Sets Flag Note: All register bits shown in this figure can be found in the CLCxCONL register. Output Output CLCIN[16] CLCIN[17] CLCIN[18] CLCIN[19] CLCIN[20] CLCIN[21] CLCIN[22] CLCIN[23] CLCIN[24] CLCIN[25] CLCIN[26] CLCIN[27] CLCIN[28] CLCIN[29] CLCIN[30] CLCIN[31] See Figure 23-2 See Figure 23-3 Interrupt det |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |