Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 176 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 176 Page - Microchip Technology

Back Button D130 Datasheet HTML 172Page - Microchip Technology D130 Datasheet HTML 173Page - Microchip Technology D130 Datasheet HTML 174Page - Microchip Technology D130 Datasheet HTML 175Page - Microchip Technology D130 Datasheet HTML 176Page - Microchip Technology D130 Datasheet HTML 177Page - Microchip Technology D130 Datasheet HTML 178Page - Microchip Technology D130 Datasheet HTML 179Page - Microchip Technology D130 Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 176
 2016-2018 Microchip Technology Inc.
FIGURE 15-2:
OUTPUT COMPARE x BLOCK DIAGRAM (DOUBLE-BUFFERED,
16-BIT PWM MODE)
15.3.1
PWM PERIOD
The PWM period is specified by writing to PRy, the
Timer Period register. The PWM period can be
calculated using Equation 15-1.
EQUATION 15-1:
CALCULATING THE PWM PERIOD(1)
Comparator
OCxTMR
OCxCON1
OCxCON2
OCx Interrupt
OCx Pin(1)
OCxRS Buffer
Comparator
Match
Match
Trigger and
Sync Logic
Clock
Select
Increment
Reset
OCx Clock
Sources
Trigger and
Sync Sources
Reset
Match Event
OCFA/OCFB(2)
OCTSEL<2:0>
SYNCSEL<4:0>
TRIGSTAT
TRIGMODE
OCTRIG
OCM<2:0>
OCINV
OCTRIS
FLTOUT
FLTTRIEN
FLTMD
ENFLT<2:0>
OCFLT<2:0>
OCxRS
Event
Event
Rollover
Rollover/Reset
Rollover/Reset
Note 1:
The OCx outputs must be assigned to an available RPn pin before use. See Section 11.5 “Peripheral Pin
Select (PPS)” for more information.
2:
The OCFA/OCFB Fault inputs must be assigned to an available RPn/RPIn pin before use. See Section 11.5
“Peripheral Pin Select (PPS)” for more information.
OCxR and
DCB<1:0>
DCB<1:0>
OCxR and
DCB<1:0> Buffers
OCx Output and
Fault Logic
Note 1:
Based on TCY = TOSC * 2; Doze mode and PLL are disabled.
PWM Period = [(PRy) + 1 • TCY • (Timer Prescale Value)
Where:
PWM Frequency = 1/[PWM Period]
Note:
A PRy value of N will produce a PWM period of N + 1 time base count cycles. For example, a value of
seven, written into the PRy register, will yield a period consisting of eight time base cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com