Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 195 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 195 Page - Microchip Technology

Back Button D130 Datasheet HTML 191Page - Microchip Technology D130 Datasheet HTML 192Page - Microchip Technology D130 Datasheet HTML 193Page - Microchip Technology D130 Datasheet HTML 194Page - Microchip Technology D130 Datasheet HTML 195Page - Microchip Technology D130 Datasheet HTML 196Page - Microchip Technology D130 Datasheet HTML 197Page - Microchip Technology D130 Datasheet HTML 198Page - Microchip Technology D130 Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 195
PIC24FJ256GA705 FAMILY
REGISTER 16-4:
CCPxCON2H: CCPx CONTROL 2 HIGH REGISTERS
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
OENSYNC
—OCFEN(1,2)
OCEEN(1,2)
OCDEN(1,2)
OCCEN(1,2)
OCBEN(1,2)
OCAEN(2)
bit 15
bit 8
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ICGSM1
ICGSM0
—
AUXOUT1
AUXOUT0
ICS2
ICS1
ICS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
OENSYNC: Output Enable Synchronization bit
1 = Update by output enable bits occurs on the next Time Base Reset or rollover
0 = Update by output enable bits occurs immediately
bit 14
Unimplemented: Read as ‘0’
bit 13-8
OCxEN: Output Enable/Steering Control bits(1,2)
1 = OCMx pin is controlled by the CCPx module and produces an output compare or PWM signal
0 = OCMx pin is not controlled by the CCPx module; the pin is available to the port logic or another
peripheral multiplexed on the pin
bit 7-6
ICGSM<1:0>: Input Capture Gating Source Mode Control bits
11 = Reserved
10 = One-Shot mode: Falling edge from gating source disables future capture events (ICDIS = 1)
01 = One-Shot mode: Rising edge from gating source enables future capture events (ICDIS = 0)
00 = Level-Sensitive mode: A high level from gating source will enable future capture events; a low
level will disable future capture events
bit 5
Unimplemented: Read as ‘0’
bit 4-3
AUXOUT<1:0>: Auxiliary Output Signal on Event Selection bits
11 = Input capture or output compare event; no signal in Timer mode
10 = Signal output is defined by module operating mode (see Table 16-4)
01 = Time base rollover event (all modes)
00 =Disabled
bit 2-0
ICS<2:0>: Input Capture Source Select bits
111 = Reserved
110 = Reserved
101 = CLC2 output
100 = CLC1 output
011 = Comparator 3 output
010 = Comparator 2 output
001 = Comparator 1 output
000 = Input Capture x (ICMx) I/O pin
Note 1:
OCFEN through OCBEN (bits<13:9>) are not implemented in all CCPx modules.
2:
OCFEN through OCAEN (bits<13:8>) are not dedicated pins in all CCPx modules, PPS has to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com