Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 206 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 206 Page - Microchip Technology

Back Button D130 Datasheet HTML 202Page - Microchip Technology D130 Datasheet HTML 203Page - Microchip Technology D130 Datasheet HTML 204Page - Microchip Technology D130 Datasheet HTML 205Page - Microchip Technology D130 Datasheet HTML 206Page - Microchip Technology D130 Datasheet HTML 207Page - Microchip Technology D130 Datasheet HTML 208Page - Microchip Technology D130 Datasheet HTML 209Page - Microchip Technology D130 Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 206
 2016-2018 Microchip Technology Inc.
REGISTER 17-2:
SPIxCON1H: SPIx CONTROL REGISTER 1 HIGH
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
AUDEN(1)
SPISGNEXT
IGNROV
IGNTUR
AUDMONO(2) URDTEN(3) AUDMOD1(4) AUDMOD0(4)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
FRMEN
FRMSYNC
FRMPOL
MSSEN
FRMSYPW
FRMCNT2
FRMCNT1
FRMCNT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
AUDEN: Audio Codec Support Enable bit(1)
1 = Audio protocol is enabled; MSTEN controls the direction of both the SCKx and frame (a.k.a. LRC),
and this module functions as if FRMEN = 1, FRMSYNC = MSTEN, FRMCNT<2:0> = 001 and
SMP = 0, regardless of their actual values
0 = Audio protocol is disabled
bit 14
SPISGNEXT: SPIx Sign-Extend RX FIFO Read Data Enable bit
1 = Data from RX FIFO is sign-extended
0 = Data from RX FIFO is not sign-extended
bit 13
IGNROV: Ignore Receive Overflow bit
1 = A Receive Overflow (ROV) is NOT a critical error; during ROV, data in the FIFO is not overwritten
by the receive data
0 = A ROV is a critical error that stops SPI operation
bit 12
IGNTUR: Ignore Transmit Underrun bit
1 = A Transmit Underrun (TUR) is NOT a critical error and data indicated by URDTEN is transmitted
until the SPIxTXB is not empty
0 = A TUR is a critical error that stops SPI operation
bit 11
AUDMONO: Audio Data Format Transmit bit(2)
1 = Audio data is mono (i.e., each data word is transmitted on both left and right channels)
0 = Audio data is stereo
bit 10
URDTEN: Transmit Underrun Data Enable bit(3)
1 = Transmits data out of SPIxURDTL/H register during Transmit Underrun conditions
0 = Transmits the last received data during Transmit Underrun conditions
bit 9-8
AUDMOD<1:0>: Audio Protocol Mode Selection bits(4)
11 = PCM/DSP mode
10 = Right Justified mode: This module functions as if SPIFE = 1, regardless of its actual value
01 = Left Justified mode: This module functions as if SPIFE = 1, regardless of its actual value
00 = I2S mode: This module functions as if SPIFE = 0, regardless of its actual value
bit 7
FRMEN: Framed SPIx Support bit
1 = Framed SPIx support is enabled (SSx pin is used as the FSYNC input/output)
0 = Framed SPIx support is disabled
Note 1:
AUDEN can only be written when the SPIEN bit = 0.
2:
AUDMONO can only be written when the SPIEN bit = 0 and is only valid for AUDEN = 1.
3:
URDTEN is only valid when IGNTUR = 1.
4:
AUDMOD<1:0> bits can only be written when the SPIEN bit = 0 and are only valid when AUDEN = 1.
When NOT in PCM/DSP mode, this module functions as if FRMSYPW = 1, regardless of its actual value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com