Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 259 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 259 Page - Microchip Technology

Back Button D130 Datasheet HTML 255Page - Microchip Technology D130 Datasheet HTML 256Page - Microchip Technology D130 Datasheet HTML 257Page - Microchip Technology D130 Datasheet HTML 258Page - Microchip Technology D130 Datasheet HTML 259Page - Microchip Technology D130 Datasheet HTML 260Page - Microchip Technology D130 Datasheet HTML 261Page - Microchip Technology D130 Datasheet HTML 262Page - Microchip Technology D130 Datasheet HTML 263Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 259
PIC24FJ256GA705 FAMILY
REGISTER 21-6:
RTCSTATL: RTCC STATUS REGISTER (LOW)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
R/C-0
U-0
R/C-0
R-0
R-0
R-0
—
—
ALMEVT
—
TSAEVT(1)
SYNC
ALMSYNC
HALFSEC(2)
bit 7
bit 0
Legend:
C = Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-6
Unimplemented: Read as ‘0’
bit 5
ALMEVT: Alarm Event bit
1 = An alarm event has occurred
0 = An alarm event has not occurred
bit 4
Unimplemented: Read as ‘0’
bit 3
TSAEVT: Timestamp A Event bit(1)
1 = A timestamp event has occurred
0 = A timestamp event has not occurred
bit 2
SYNC: Synchronization Status bit
1 = TIME registers may change during software read
0 = TIME registers may be read safely
bit 1
ALMSYNC: Alarm Synchronization Status bit
1 = Alarm registers (ALMTIME and ALMDATE) and Alarm bits (AMASK<3:0>) should not be modified,
and Alarm Control bits (ALRMEN, ALMRPT<7:0>) may change during software read
0 = Alarm registers and Alarm Control bits may be written/modified safely
bit 0
HALFSEC: Half Second Status bit(2)
1 = Second half period of a second
0 = First half period of a second
Note 1:
User software may write a ‘1’ to this location to initiate a Timestamp A event; timestamp capture is not
valid until TSAEVT reads as ‘1’.
2:
This bit is read-only; it is cleared to ‘0’ on a write to the SECONE<3:0> bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com