Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 320 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 320 Page - Microchip Technology

Back Button D130 Datasheet HTML 316Page - Microchip Technology D130 Datasheet HTML 317Page - Microchip Technology D130 Datasheet HTML 318Page - Microchip Technology D130 Datasheet HTML 319Page - Microchip Technology D130 Datasheet HTML 320Page - Microchip Technology D130 Datasheet HTML 321Page - Microchip Technology D130 Datasheet HTML 322Page - Microchip Technology D130 Datasheet HTML 323Page - Microchip Technology D130 Datasheet HTML 324Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 320
 2016-2018 Microchip Technology Inc.
27.4
Measuring Die Temperature
The CTMU can be configured to use the A/D to
measure the die temperature using dedicated A/D
Channel 24. Perform the following steps to measure
the diode voltage:
• The internal current source must be set for either
5.5 µA (IRNG<1:0> = 0x2) or 55 µA
(IRNG<1:0> = 0x3).
• In order to route the current source to the diode,
the EDG1STAT and EDG2STAT bits must be
equal (either both ‘0’ or both ‘1’).
• The CTMREQ bit (AD1CON5<13>) must be set
to ‘1’.
• The A/D Channel Select bits must be 24 (0x18)
using a single-ended measurement.
The voltage of the diode will vary over temperature
according to the graphs shown below (Figure 27-4). Note
that the graphs are different, based on the magnitude of
the current source selected. The slopes are nearly linear
over the range of -40°C to +100°C and the temperature
can be calculated as follows:
EQUATION 27-2:
FIGURE 27-4:
DIODE VOLTAGE (mV) vs. DIE TEMPERATURE (TYPICAL)
710 mV – Vdiode
1.8
Tdie =
760 mV – Vdiode
1.55
Tdie =
For 5.5 µA Current Source:
For 55 µA Current Source:
where Vdiode is in mV, Tdie is in °C
where Vdiode is in mV, Tdie is in °C
450
475
500
525
550
575
600
625
650
675
700
725
750
775
800
825
850
-40
-20
0
2040
6080
100
120
5.5UA
55UA
Die Temperature (°C)
5.5 µA
55 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com