Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 329 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 329 Page - Microchip Technology

Back Button D130 Datasheet HTML 325Page - Microchip Technology D130 Datasheet HTML 326Page - Microchip Technology D130 Datasheet HTML 327Page - Microchip Technology D130 Datasheet HTML 328Page - Microchip Technology D130 Datasheet HTML 329Page - Microchip Technology D130 Datasheet HTML 330Page - Microchip Technology D130 Datasheet HTML 331Page - Microchip Technology D130 Datasheet HTML 332Page - Microchip Technology D130 Datasheet HTML 333Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 329
PIC24FJ256GA705 FAMILY
29.0 SPECIAL FEATURES
PIC24FJ256GA705 family devices include several
features intended to maximize application flexibility and
reliability, and minimize cost through elimination of
external components. These are:
• Flexible Configuration
• Watchdog Timer (WDT)
• Code Protection
• JTAG Boundary Scan Interface
• In-Circuit Serial Programming™
• In-Circuit Emulation
29.1
Configuration Bits
The Configuration bits are stored in the last page loca-
tion of implemented program memory. These bits can be
set or cleared to select various device configurations.
There are two types of Configuration bits: system oper-
ation bits and code-protect bits. The system operation
bits determine the power-on settings for system-level
components, such as the oscillator and the Watchdog
Timer. The code-protect bits prevent program memory
from being read and written.
29.1.1
CONSIDERATIONS FOR
CONFIGURING PIC24FJ256GA705
FAMILY DEVICES
In PIC24FJ256GA705 family devices, the Configuration
bytes are implemented as volatile memory. This means
that configuration data must be programmed each time
the device is powered up. Configuration data is stored in
the three words at the top of the on-chip program
memory space, known as the Flash Configuration
Words. Their specific locations are shown in Table 29-1.
The configuration data is automatically loaded from the
Flash Configuration Words to the proper Configuration
registers during device Resets.
When creating applications for these devices, users
should always specifically allocate the location of the
Flash Configuration Word for configuration data. This is
to make certain that program code is not stored in this
address when the code is compiled.
The upper byte of all Flash Configuration Words in
program memory should always be ‘0000 0000’. This
makes them appear to be NOP instructions in the
remote event that their locations are ever executed by
accident. Since Configuration bits are not implemented
in the corresponding locations, writing ‘0’s to these
locations has no effect on device operation.
TABLE 29-1:
CONFIGURATION WORD ADDRESSES
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
following sections of the “dsPIC33/PIC24
Family Reference Manual”, which are
available from the Microchip website
(www.microchip.com). The information
in this data sheet supersedes the
information in the FRM.
• “Watchdog Timer (WDT)”
(DS39697)
• “High-Level Device Integration”
(DS39719)
• “Programming and Diagnostics”
(DS39716)
Note:
Configuration data is reloaded on all types
of device Resets.
Configuration
Register
PIC24FJ256GA70X
PIC24FJ128GA70X
PIC24FJ64GA70X
FSEC
02AF00h
015F00h
00AF00h
FBSLIM
02AF10h
015F10h
00AF10h
FSIGN
02AF14h
015F14h
00AF14h
FOSCSEL
02AF18h
015F18h
00AF18h
FOSC
02AF1Ch
015F1Ch
00AF1Ch
FWDT
02AF20h
015F20h
00AF20h
FPOR
02AF24h
015F24h
00AF24h
FICD
02AF28h
015F28h
00AF28h
FDEVOPT1
02AF2Ch
015F2Ch
00AF2Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com