Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 340 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 340 Page - Microchip Technology

Back Button D130 Datasheet HTML 336Page - Microchip Technology D130 Datasheet HTML 337Page - Microchip Technology D130 Datasheet HTML 338Page - Microchip Technology D130 Datasheet HTML 339Page - Microchip Technology D130 Datasheet HTML 340Page - Microchip Technology D130 Datasheet HTML 341Page - Microchip Technology D130 Datasheet HTML 342Page - Microchip Technology D130 Datasheet HTML 343Page - Microchip Technology D130 Datasheet HTML 344Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 340
 2016-2018 Microchip Technology Inc.
TABLE 29-2:
PIC24FJ CORE DEVICE ID REGISTERS
TABLE 29-3:
DEVICE ID BIT FIELD
DESCRIPTIONS
TABLE 29-4:
PIC24FJ256GA705 FAMILY
DEVICE IDs
29.2
Unique Device Identifier (UDID)
All PIC24FJ256GA705 family devices are individually
encoded during final manufacturing with a Unique
Device Identifier, or UDID. The UDID cannot be erased
by a bulk erase command or any other user-accessible
means. This feature allows for manufacturing
traceability of Microchip Technology devices in applica-
tions where this is a requirement. It may also be used
by the application manufacturer for any number of
things that may require unique identification, such as:
• Tracking the device
• Unique serial number
• Unique security key
The UDID comprises five 24-bit program words. When
taken together, these fields form a unique 120-bit
identifier.
The UDID is stored in five read-only locations, located
between 0x801600 and 0x801608 in the device config-
uration space. Table 29-5 lists the addresses of the
identifier words and shows their contents.
Address
Name
Bit
15
14
13
12
11
10
9
876543210
FF0000h
DEVID
FAMID<7:0>
DEV<7:0>
FF0002h
DEVREV
—
REV<3:0>
Bit Field
Register
Description
FAMID<7:0> DEVID
Encodes the family ID of
the device; FAMID = 0x75.
DEV<7:0>
DEVID
Encodes the individual ID
of the device.
REV<3:0>
DEVREV Encodes the sequential
(numerical) revision
identifier of the device.
Device
DEVID
PIC24FJ64GA705
07
PIC24FJ128GA705
0B
PIC24FJ256GA705
0F
PIC24FJ64GA704
05
PIC24FJ128GA704
09
PIC24FJ256GA704
0D
PIC24FJ64GA702
06
PIC24FJ128GA702
0A
PIC24FJ256GA702
0E
TABLE 29-5:
UDID ADDRESSES
UDID
Address
Description
UDID1
0x801600
UDID Word 1
UDID2
0x801602
UDID Word 2
UDID3
0x801604
UDID Word 3
UDID4
0x801606
UDID Word 4
UDID5
0x801608
UDID Word 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com