Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 365 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 365 Page - Microchip Technology

Back Button D130 Datasheet HTML 361Page - Microchip Technology D130 Datasheet HTML 362Page - Microchip Technology D130 Datasheet HTML 363Page - Microchip Technology D130 Datasheet HTML 364Page - Microchip Technology D130 Datasheet HTML 365Page - Microchip Technology D130 Datasheet HTML 366Page - Microchip Technology D130 Datasheet HTML 367Page - Microchip Technology D130 Datasheet HTML 368Page - Microchip Technology D130 Datasheet HTML 369Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 365
PIC24FJ256GA705 FAMILY
TABLE 32-7:
DC CHARACTERISTICS:
CURRENT (BOR, WDT, HLVD, RTCC)(3)
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Operating
Temperature
VDD
Conditions
Incremental Current Brown-out Reset (
BOR)(2)
DC25
3
5
µA
-40°C
2.0V
BOR(2)
35
µA
+25°C
35
µA
+85°C
3
5
µA
+125°C
45
µA
-40°C
3.3V
45
µA
+25°C
45
µA
+85°C
4
5
µA
+125°C
Incremental Current Watchdog Timer (
WDT)(2)
DC71
220
1000
nA
-40°C
2.0V
WDT(2)
220
1000
nA
+25°C
220
1000
nA
+85°C
578
1000
nA
+125°C
300
1000
nA
-40°C
3.3V
300
1000
nA
+25°C
300
1000
nA
+85°C
630
1000
nA
+125°C
Incremental Current High/Low-Voltage Detect (
HLVD)(2)
DC75
1.3
5
µA
-40°C
2.0V
HLVD(2)
1.3
5
µA
+25°C
1.3
5
µA
+85°C
3.83
5
µA
+125°C
1.9
5
µA
-40°C
3.3V
1.9
5
µA
+25°C
1.9
5
µA
+85°C
4.68
5
µA
+125°C
Note 1:
Data in the “Typical” column is at 3.3V, +25°C unless otherwise stated. Parameters are for design
guidance only and are not tested.
2:
Incremental current while the module is enabled and running.
3:
The
 current is the additional current consumed when the module is enabled. This current should be
added to the base IPD current. The current includes the selected clock source enabled for WDT
and RTCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com