Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 159 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 159 Page - Microchip Technology

Back Button D130 Datasheet HTML 155Page - Microchip Technology D130 Datasheet HTML 156Page - Microchip Technology D130 Datasheet HTML 157Page - Microchip Technology D130 Datasheet HTML 158Page - Microchip Technology D130 Datasheet HTML 159Page - Microchip Technology D130 Datasheet HTML 160Page - Microchip Technology D130 Datasheet HTML 161Page - Microchip Technology D130 Datasheet HTML 162Page - Microchip Technology D130 Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 159
PIC24FJ256GA705 FAMILY
12.0 TIMER1
The Timer1 module is a 16-bit timer, which can serve
as the time counter for the Real-Time Clock (RTC) or
operate as a free-running, interval timer/counter.
Timer1 can operate in three modes:
•16-Bit Timer
• 16-Bit Synchronous Counter
• 16-Bit Asynchronous Counter
Timer1 also supports these features:
• Timer Gate Operation
• Selectable Prescaler Settings
• Timer Operation during CPU Idle and Sleep modes
• Interrupt on 16-Bit Period Register Match or
Falling Edge of External Gate Signal
Figure 12-1 presents a block diagram of the 16-bit
timer module.
To configure Timer1 for operation:
1.
Set the TON bit (= 1).
2.
Select the timer prescaler ratio using the
TCKPS<1:0> bits.
3.
Set the Clock and Gating modes using the TCS,
TECS<1:0> and TGATE bits.
4.
Set or clear the TSYNC bit to configure
synchronous or asynchronous operation.
5.
Load the timer period value into the PR1
register.
6.
If interrupts are required, set the interrupt enable
bit, T1IE. Use the priority bits, T1IP<2:0>, to set
the interrupt priority.
FIGURE 12-1:
16-BIT TIMER1 MODULE BLOCK DIAGRAM
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to
the “dsPIC33/PIC24 Family Reference
Manual”, “Timers” (DS39704), which is
available from the Microchip website
(www.microchip.com). The information in
this
data
sheet
supersedes
the
information in the FRM.
TON
Sync
SOSCI
SOSCO
PR1
Set T1IF
Equal
Comparator
Reset
SOSCEN
1
0
TSYNC
Q
Q
D
CK
TCKPS<1:0>
2
TGATE
TCY
1
0
TCS
TGATE
SOSC
Input
Gate
Output
Clock Input Select Detail
LPRC Input
2
TECS<1:0>
T1CK Input
SOSCSEL
LPRC
Clock
Input Select
Prescaler
1, 8, 64, 256
TxCK Input
TMR1
Gate
Sync
Clock
Output
to TMR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com