Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 169 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 169 Page - Microchip Technology

Back Button D130 Datasheet HTML 165Page - Microchip Technology D130 Datasheet HTML 166Page - Microchip Technology D130 Datasheet HTML 167Page - Microchip Technology D130 Datasheet HTML 168Page - Microchip Technology D130 Datasheet HTML 169Page - Microchip Technology D130 Datasheet HTML 170Page - Microchip Technology D130 Datasheet HTML 171Page - Microchip Technology D130 Datasheet HTML 172Page - Microchip Technology D130 Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 169
PIC24FJ256GA705 FAMILY
REGISTER 14-1:
ICxCON1: INPUT CAPTURE x CONTROL REGISTER 1
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
—
—
ICSIDL
ICTSEL2
ICTSEL1
ICTSEL0
—
—
bit 15
bit 8
U-0
R/W-0
R/W-0
HSC/R-0
HSC/R-0
R/W-0
R/W-0
R/W-0
—
ICI1
ICI0
ICOV
ICBNE
ICM2(1)
ICM1(1)
ICM0(1)
bit 7
bit 0
Legend:
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13
ICSIDL: Input Capture x Stop in Idle Control bit
1 = Input Capture x halts in CPU Idle mode
0 = Input Capture x continues to operate in CPU Idle mode
bit 12-10
ICTSEL<2:0>: Input Capture x Timer Select bits
111 = System clock (FOSC/2)
110 = Reserved
101 = Reserved
100 = Timer1
011 = Reserved
010 = Reserved
001 = Timer2
000 = Timer3
bit 9-7
Unimplemented: Read as ‘0’
bit 6-5
ICI<1:0>: Input Capture x Select Number of Captures per Interrupt bits
11 = Interrupt on every fourth capture event
10 = Interrupt on every third capture event
01 = Interrupt on every second capture event
00 = Interrupt on every capture event
bit 4
ICOV: Input Capture x Overflow Status Flag bit (read-only)
1 = Input Capture x overflow has occurred
0 = No Input Capture x overflow has occurred
bit 3
ICBNE: Input Capture x Buffer Not Empty Status bit (read-only)
1 = Input Capture x buffer is not empty, at least one more capture value can be read
0 = Input Capture x buffer is empty
bit 2-0
ICM<2:0>: Input Capture x Mode Select bits(1)
111 = Interrupt mode: Input Capture x functions as an interrupt pin only when the device is in Sleep or
Idle mode (rising edge detect only, all other control bits are not applicable)
110 = Unused (module is disabled)
101 = Prescaler Capture mode: Capture on every 16th rising edge
100 = Prescaler Capture mode: Capture on every 4th rising edge
011 = Simple Capture mode: Capture on every rising edge
010 = Simple Capture mode: Capture on every falling edge
001 = Edge Detect Capture mode: Capture on every edge (rising and falling); ICI<1:0> bits do not
control interrupt generation for this mode
000 = Input Capture x module is turned off
Note 1:
The ICx input must also be configured to an available RPn/RPIn pin. For more information, see
Section 11.5 “Peripheral Pin Select (PPS)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com