Electronic Components Datasheet Search
  English  ▼

X  

D133B Datasheet(PDF) 241 Page - Microchip Technology

Part # D133B
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D133B Datasheet(HTML) 241 Page - Microchip Technology

Back Button D133B Datasheet HTML 237Page - Microchip Technology D133B Datasheet HTML 238Page - Microchip Technology D133B Datasheet HTML 239Page - Microchip Technology D133B Datasheet HTML 240Page - Microchip Technology D133B Datasheet HTML 241Page - Microchip Technology D133B Datasheet HTML 242Page - Microchip Technology D133B Datasheet HTML 243Page - Microchip Technology D133B Datasheet HTML 244Page - Microchip Technology D133B Datasheet HTML 245Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 241
PIC24FJ256GA705 FAMILY
TABLE 20-2:
ENHANCED PARALLEL MASTER PORT PIN DESCRIPTIONS
Pin Name
(Alternate Function)
Type
Description
PMA<22:16>
O
Address Bus bits<22:16>
PMA14
O
Address Bus bit 14
I/O
Data Bus bit 14 (16-bit port with Multiplexed Addressing)
(PMCS1)
O
Chip Select 1 (alternate location)
PMA<13:8>
O
Address Bus bits<13:8>
I/O
Data Bus bits<13:8> (16-bit port with Multiplexed Addressing)
PMA<7:3>
O
Address Bus bits<7:3>
PMA2
(PMALU)
O
Address Bus bit 2
O
Address Latch Upper Strobe for Multiplexed Address
PMA1
(PMALH)
I/O
Address Bus bit 1
O
Address Latch High Strobe for Multiplexed Address
PMA0
(PMALL)
I/O
Address Bus bit 0
O
Address Latch Low Strobe for Multiplexed Address
PMD<15:8>
I/O
Data Bus bits<15:8> (Demultiplexed Addressing)
PMD<7:4>
I/O
Data Bus bits<7:4>
O
Address Bus bits<7:4> (4-bit port with 1-Phase Multiplexed Addressing)
PMD<3:0>
I/O
Data Bus bits<3:0>
PMCS1
O
Chip Select 1
PMCS2
O
Chip Select 2
PMWR
I/O
Write Strobe(1)
(PMENB)
I/O
Enable Signal(1)
PMRD
I/O
Read Strobe(1)
(PMRD/PMWR)
I/O
Read/Write Signal(1)
PMBE1
O
Byte Indicator
PMBE0
O
Nibble or Byte Indicator
PMACK1
I
Acknowledgment Signal 1
PMACK2
I
Acknowledgment Signal 2
Note 1:
Signal function depends on the setting of the MODE<1:0> and SM bits (PMCON1<9:8> and
PMCSxCF<8>).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com