Electronic Components Datasheet Search
  English  ▼

X  

D133B Datasheet(PDF) 287 Page - Microchip Technology

Part # D133B
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D133B Datasheet(HTML) 287 Page - Microchip Technology

Back Button D133B Datasheet HTML 283Page - Microchip Technology D133B Datasheet HTML 284Page - Microchip Technology D133B Datasheet HTML 285Page - Microchip Technology D133B Datasheet HTML 286Page - Microchip Technology D133B Datasheet HTML 287Page - Microchip Technology D133B Datasheet HTML 288Page - Microchip Technology D133B Datasheet HTML 289Page - Microchip Technology D133B Datasheet HTML 290Page - Microchip Technology D133B Datasheet HTML 291Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 287
PIC24FJ256GA705 FAMILY
24.0 12-BIT A/D CONVERTER WITH
THRESHOLD DETECT
The A/D Converter has the following key features:
• Successive Approximation Register (SAR)
Conversion
• Selectable 10-Bit or 12-Bit (default) Conversion
Resolution
• Conversion Speeds of up to 200 ksps (12-bit)
• Up to 19 Analog Input Channels (internal and
external)
• Multiple Internal Reference Input Channels
• External Voltage Reference Input Pins
• Unipolar Differential Sample-and-Hold (S/H)
Amplifier
• Automated Threshold Scan and Compare
Operation to Pre-Evaluate Conversion Results
• Selectable Conversion Trigger Source
• Fixed Length (one word per channel),
Configurable Conversion Result Buffer
• Four Options for Results Alignment
• Configurable Interrupt Generation
• Enhanced DMA Operations with Indirect Address
Generation
• Operation During CPU Sleep and Idle modes
The 12-bit A/D Converter module is an enhanced
version of the 10-bit module offered in earlier PIC24
devices. It is a Successive Approximation Register
(SAR) Converter, enhanced with 12-bit resolution, a
wide range of automatic sampling options, tighter inte-
gration with other analog modules and a configurable
results buffer.
It also includes a unique Threshold Detect feature that
allows the module itself to make simple decisions
based on the conversion results, and enhanced opera-
tion with the DMA Controller through Peripheral Indirect
Addressing (PIA).
A simplified block diagram for the module is shown in
Figure 24-1.
24.1
Basic Operation
To perform a standard A/D conversion:
1.
Configure the module:
a) Configure port pins as analog inputs by
setting the appropriate bits in the ANSx
registers (see Section 11.2 “Configuring
Analog Port Pins (ANSx)” for more
information).
b) Select the voltage reference source to
match the expected range on analog inputs
(AD1CON2<15:13>).
c)
Select the positive and negative multiplexer
inputs for each channel (AD1CHS<15:0>).
d)
Select the analog conversion clock to match
the desired data rate with the processor
clock (AD1CON3<7:0>).
e) Select the appropriate sample/conversion
sequence
(AD1CON1<7:4>
and
AD1CON3<12:8>).
f)
For Channel A scanning operations, select
the positive channels to be included
(AD1CSSH and AD1CSSL registers).
g) Select
how
conversion
results
are
presented in the buffer (AD1CON1<9:8>
and AD1CON5 register).
h) Select the interrupt rate (AD1CON2<5:2>).
i)
Turn on A/D module (AD1CON1<15>).
2.
Configure the A/D interrupt (if required):
a) Clear the AD1IF bit (IFS0<13>).
b) Enable the AD1IE interrupt (IEC0<13>).
c)
Select the A/D interrupt priority (IPC3<6:4>).
3.
If the module is configured for manual sampling,
set the SAMP bit (AD1CON1<1>) to begin
sampling.
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive refer-
ence source. For more information on
the 12-Bit A/D Converter, refer to the
“dsPIC33/PIC24
Family
Reference
Manual”, “12-Bit A/D Converter with
Threshold Detect” (DS39739), which is
available from the Microchip website
(www.microchip.com). The information
in this data sheet supersedes the
information in the FRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com