Electronic Components Datasheet Search
  English  ▼

X  

D133B Datasheet(PDF) 305 Page - Microchip Technology

Part # D133B
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D133B Datasheet(HTML) 305 Page - Microchip Technology

Back Button D133B Datasheet HTML 301Page - Microchip Technology D133B Datasheet HTML 302Page - Microchip Technology D133B Datasheet HTML 303Page - Microchip Technology D133B Datasheet HTML 304Page - Microchip Technology D133B Datasheet HTML 305Page - Microchip Technology D133B Datasheet HTML 306Page - Microchip Technology D133B Datasheet HTML 307Page - Microchip Technology D133B Datasheet HTML 308Page - Microchip Technology D133B Datasheet HTML 309Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 305
PIC24FJ256GA705 FAMILY
FIGURE 24-3:
12-BIT A/D CONVERTER ANALOG INPUT MODEL
EQUATION 24-1:
A/D CONVERSION CLOCK PERIOD
CPIN
VA
Rs
ANx
ILEAKAGE
RIC
 250
Sampling
Switch
RSS
CHOLD
AVSS
= 40 pF
500 nA
Legend: CPIN
VT
ILEAKAGE
RIC
RSS
CHOLD
= Input Capacitance
= Threshold Voltage
= Leakage Current at the pin due to
= Interconnect Resistance
= Sampling Switch Resistance
= Sample/Hold Capacitance
Various Junctions
Note: The CPIN value depends on the device package and is not tested. The effect of CPIN is negligible if Rs
 2.5 k.
(RSS
 3 k)
AVDD
VT = 0.6V
VT = 0.6V
SS
–
S/H
+
= S/H Input Capacitance
Sampling
Switch
RMIN
RMAX
AVDDMIN
AVDD (V)
AVDDMAX
TAD = TCY (ADCS + 1)
ADCS =
– 1
TAD
TCY
Note: Based on TCY = 2/FOSC; Doze mode and PLL are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com