Electronic Components Datasheet Search
  English  ▼

X  

D133B Datasheet(PDF) 162 Page - Microchip Technology

Part # D133B
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D133B Datasheet(HTML) 162 Page - Microchip Technology

Back Button D133B Datasheet HTML 158Page - Microchip Technology D133B Datasheet HTML 159Page - Microchip Technology D133B Datasheet HTML 160Page - Microchip Technology D133B Datasheet HTML 161Page - Microchip Technology D133B Datasheet HTML 162Page - Microchip Technology D133B Datasheet HTML 163Page - Microchip Technology D133B Datasheet HTML 164Page - Microchip Technology D133B Datasheet HTML 165Page - Microchip Technology D133B Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 162
 2016-2018 Microchip Technology Inc.
FIGURE 13-1:
TIMER2/3 (32-BIT) BLOCK DIAGRAM
TMR3
TMR2
Set T3IF
Equal
Comparator
PR3
PR2
Reset
LSB
MSB
Note 1:
The 32-Bit Timer Configuration bit, T32, must be set for 32-bit timer/counter operation. All control bits are
respective to the T2CON register.
2:
The timer clock input must be assigned to an available RPn/RPIn pin before use. See
Section 11.5
“Peripheral Pin Select (PPS)” for more information.
3:
The A/D event trigger is available only on Timer2/3 in 32-bit mode and Timer3 in 16-bit mode.
Data Bus<15:0>
Read TMR2(1)
Write TMR2(1)
16
16
16
Q
QD
CK
TGATE
0
1
TCKPS<1:0>
2
A/D Event Trigger(3)
T2CK
TCY
TCS(2)
TGATE(2)
SOSC Input
LPRC Input
TECS<1:0>
TxCK
Gate
Sync
Prescaler
1, 8, 64, 256
Sync
TMR3HLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com