Electronic Components Datasheet Search
  English  ▼

X  

D134 Datasheet(PDF) 405 Page - Microchip Technology

Part # D134
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D134 Datasheet(HTML) 405 Page - Microchip Technology

Back Button D134 Datasheet HTML 401Page - Microchip Technology D134 Datasheet HTML 402Page - Microchip Technology D134 Datasheet HTML 403Page - Microchip Technology D134 Datasheet HTML 404Page - Microchip Technology D134 Datasheet HTML 405Page - Microchip Technology D134 Datasheet HTML 406Page - Microchip Technology D134 Datasheet HTML 407Page - Microchip Technology D134 Datasheet HTML 408Page - Microchip Technology D134 Datasheet HTML 409Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 405
PIC24FJ256GA705 FAMILY
INDEX
A
A/D
Achieving Maximum Performance ............................ 291
Control Registers ...................................................... 290
Extended DMA Operations ....................................... 289
Operation .................................................................. 287
Transfer Functions
10-Bit ................................................................ 307
12-Bit ................................................................ 306
AC Characteristics
A/D Conversion Timing Requirements...................... 377
A/D Specifications..................................................... 376
and Timing Parameters............................................. 371
Capacitive Loading on Output Pins........................... 371
CLKO and I/O Timing Requirements ........................ 374
External Clock Timing Requirements........................ 372
Internal RC Accuracy ................................................ 373
Load Conditions for Device Timing ........................... 371
Phase-Locked Loop Mode Specifications................. 373
RC Oscillator Start-up Time ...................................... 373
Reset and Brown-out Reset Requirements .............. 375
Analog/Digital Pins Configuration During ICSP .................. 34
Assembler
MPASM Assembler................................................... 346
B
Block Diagrams
12-Bit A/D Converter................................................. 288
12-Bit A/D Converter Analog Input Model................. 305
16-Bit Asynchronous Timer3..................................... 163
16-Bit Synchronous Timer2 ...................................... 163
16-Bit Timer1 Module................................................ 159
32-Bit Timer Mode .................................................... 186
Access Program Memory Using
Table Instructions ............................................... 60
Addressing for Table Registers................................... 71
Buffer Address Generation in PIA Mode................... 292
CALL Stack Frame...................................................... 57
CLCx Input Source Selection.................................... 279
CLCx Logic Function Combinatorial Options ............ 278
CLCx Module ............................................................ 277
Comparator Voltage Reference ................................ 315
Conceptual MCCPx Module...................................... 183
CPU Programmer’s Model .......................................... 37
CRC Module ............................................................. 271
CRC Shift Engine Detail............................................ 271
CTMU Connections and Internal Configuration for
Capacitance Measurement ............................... 318
CTMU Typical Connections and Internal
Configuration for Pulse Delay Generation ........ 319
CTMU Typical Connections and Internal
Configuration for Time Measurement ............... 319
Data Access from Program Space
Address Generation............................................ 59
DMA Module ............................................................... 63
Dual 16-Bit Timer Mode ............................................ 185
EDS Address Generation for Read Operations .......... 55
EDS Address Generation for Write Operations .......... 56
High/Low-Voltage Detect (HLVD) ............................. 327
I2Cx Module.............................................................. 222
Individual Comparator Configurations,
CREF = 0 .......................................................... 310
Individual Comparator Configurations,
CREF = 1, CVREFP = 0................................... 310
Individual Comparator Configurations,
CREF = 1, CVREFP = 1................................... 311
Input Capture x Module .................................... 167, 188
MCLR Pin Connection Example ................................. 30
On-Chip Regulator Connections............................... 341
Oscillator Circuit Placement ....................................... 33
Output Compare x (16-Bit Mode) ............................. 174
Output Compare x (Double-Buffered,....................... 176
Output Compare x Module ....................................... 187
PIC24F CPU Core ...................................................... 36
PIC24FJ256GA705 Family (General)......................... 19
PLL Module .............................................................. 108
PSV Operation (Lower Word)..................................... 62
PSV Operation (Upper Word)..................................... 62
Recommended Minimum Connections....................... 29
Reset System ............................................................. 79
RTCC Module........................................................... 252
Shared I/O Port Structure ......................................... 125
SPIx Master, Frame Master Connection .................. 219
SPIx Master, Frame Slave Connection .................... 220
SPIx Master/Slave Connection
(Enhanced Buffer Modes)................................. 218
SPIx Master/Slave Connection (Standard Mode) ........ 217
SPIx Module (Enhanced Mode)................................ 203
SPIx Slave, Frame Master Connection .................... 220
SPIx Slave, Frame Slave Connection ...................... 220
System Clock.............................................................. 97
Timer Clock Generator ............................................. 184
Timer2/3 (32-Bit)....................................................... 162
Triple Comparator Module........................................ 309
UARTx (Simplified) ................................................... 230
Watchdog Timer (WDT)............................................ 343
C
C Compilers
MPLAB C18.............................................................. 346
Capture/Compare/PWM/Timer
Auxiliary Output ........................................................ 189
General Purpose Timer ............................................ 185
Input Capture Mode.................................................. 188
Output Compare Mode ............................................. 186
Synchronization Sources.......................................... 193
Time Base Generator ............................................... 184
Capture/Compare/PWM/Timer (MCCP) ........................... 183
Charge Time Measurement Unit. See CTMU.
CLC
Control Registers...................................................... 280
Module-Specific Input Sources................................. 283
Code Examples
Basic Clock Switching .............................................. 107
Configuring UART1 Input/Output Functions ............. 140
Double-Word Flash Programming (C Language) ....... 78
EDS Read from Program Memory in Assembly ......... 61
EDS Read in Assembly .............................................. 55
EDS Write in Assembly .............................................. 56
Erasing a Program Memory Block (C Language)....... 75
Initiating a Programming Sequence ........................... 76
IOC Status Read/Clear in Assembly ........................ 128
Port Read/Write in Assembly.................................... 128
Port Read/Write in C................................................. 128
PWRSAV Instruction Syntax .................................... 113
Setting the WRLOCK Bit .......................................... 253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com