Electronic Components Datasheet Search
  English  ▼

X  

0-10.0-JT32CT-B-P-2.5 Datasheet(PDF) 2 Page - Jauch Quartz Gmbh

Part # 0-10.0-JT32CT-B-P-2.5
Description  Oscillator JT32CT · TCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

0-10.0-JT32CT-B-P-2.5 Datasheet(HTML) 2 Page - Jauch Quartz Gmbh

  0-10.0-JT32CT-B-P-2.5 Datasheet HTML 1Page - Jauch Quartz Gmbh 0-10.0-JT32CT-B-P-2.5 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jauch Quartz GmbH • e-mail: info@jauch.de
All specifications are subject to change without notice
full data can be found under:
www.jauch.de | www.jauch.co.uk | www.jauch.fr | www.jauchusa.com
Oscillator JT32CT · Wide Temperature Range TCXO
temperature (°C)
time (s)
150
260
200
50
100
60 ~ 180 s
60 s max.
10 s max.
260°C max.
180 5 °C
220 5 °C
note: parts are also suitable for soldering systems with lead (Pb) content
REFLOW SOLDERING PROFILE
TAPING SPECIFICATION
Jan.
Febr.
Mar.
Apr.
May
June
A
B
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
G
H
J
K
L
M
MARKING
frequency
company code / stability code / date code
date code: A ~ M: Jan. - Dec.
2: 2022
3: 2023
4: 2024
5: 2025
6: 2026
7: 2027
25072022-18
Jauch Quartz GmbH • e-mail: info@jauch.com • full data can be found under: www.jauch.com
All specifications are subject to change without notice
PACKAGING NOTE
– standard packaging unit is 500 pieces per reel
– customized quantities on request
1.4±0.1
2.7±0.1
ø 1.5±0.1
Feeding
4.0±0.1
4.0±0.1
2.0±0.1
120°
8.0±1.0
in mm


Similar Part No. - 0-10.0-JT32CT-B-P-2.5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
0-1 TEC-0-1 Datasheet
154Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102600-2 TEC-0-1102600-2 Datasheet
233Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-1 TEC-0-1102602-1 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-3 TEC-0-1102602-3 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-1 TEC-0-1102700-1 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 0-10.0-JT32CT-B-P-2.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA2S20C ETC2-TA2S20C Datasheet
70Kb / 1P
   TTL TCXO Oscillator
logo
Caliber Electronics Inc...
TA2S CALIBER-TA2S Datasheet
75Kb / 1P
   TTL TCXO Oscillator
logo
ECM Electronics Limited...
ECT107 ECM-ECT107 Datasheet
84Kb / 1P
   TCXO Crystal Oscillator
logo
Jauch Quartz Gmbh
JT21CT JAUCH-JT21CT Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
JT22CT JAUCH-JT22CT Datasheet
464Kb / 2P
   Oscillator JT22CT · TCXO
25072022-18
logo
List of Unclassifed Man...
ECT107 ETC1-ECT107 Datasheet
81Kb / 1P
   ECM TCXO Crystal Oscillator
TB1S320CV ETC2-TB1S320CV Datasheet
70Kb / 1P
   SineWave (VC) TCXO Oscillator
logo
Jauch Quartz Gmbh
JT21ET JAUCH-JT21ET Datasheet
461Kb / 2P
   Oscillator JT21ET(E) · TCXO
28042022
logo
Caliber Electronics Inc...
TA1S CALIBER-TA1S Datasheet
75Kb / 1P
   SineWave (VC) TCXO Oscillator
logo
NIHON DEMPA KOGYO
NT7050BB NDK-NT7050BB Datasheet
573Kb / 1P
   Temperature Compensated Crystal Oscillator (TCXO)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com