Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA328P Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATMEGA328P
Description  ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA328P Datasheet(HTML) 1 Page - ATMEL Corporation

  ATMEGA328P Datasheet HTML 1Page - ATMEL Corporation ATMEGA328P Datasheet HTML 2Page - ATMEL Corporation ATMEGA328P Datasheet HTML 3Page - ATMEL Corporation ATMEGA328P Datasheet HTML 4Page - ATMEL Corporation ATMEGA328P Datasheet HTML 5Page - ATMEL Corporation ATMEGA328P Datasheet HTML 6Page - ATMEL Corporation ATMEGA328P Datasheet HTML 7Page - ATMEL Corporation ATMEGA328P Datasheet HTML 8Page - ATMEL Corporation ATMEGA328P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Atmel-8271JS-AVR- ATmega-Datasheet_11/2015
Features
High Performance, Low Power Atmel®AVR® 8-Bit Microcontroller Family
Advanced RISC Architecture
̶
131 Powerful Instructions – Most Single Clock Cycle Execution
̶
32 x 8 General Purpose Working Registers
̶
Fully Static Operation
̶
Up to 20 MIPS Throughput at 20MHz
̶
On-chip 2-cycle Multiplier
High Endurance Non-volatile Memory Segments
̶
4/8/16/32KBytes of In-System Self-Programmable Flash program memory
̶
256/512/512/1KBytes EEPROM
̶
512/1K/1K/2KBytes Internal SRAM
̶
Write/Erase Cycles: 10,000 Flash/100,000 EEPROM
̶
Data retention: 20 years at 85
C/100 years at 25C(1)
̶
Optional Boot Code Section with Independent Lock Bits
In-System Programming by On-chip Boot Program
True Read-While-Write Operation
̶
Programming Lock for Software Security
Atmel® QTouch® library support
̶
Capacitive touch buttons, sliders and wheels
̶
QTouch and QMatrix® acquisition
̶
Up to 64 sense channels
Peripheral Features
̶
Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
̶
One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and
Capture Mode
̶
Real Time Counter with Separate Oscillator
̶
Six PWM Channels
̶
8-channel 10-bit ADC in TQFP and QFN/MLF package
Temperature Measurement
̶
6-channel 10-bit ADC in PDIP Package
Temperature Measurement
̶
Programmable Serial USART
̶
Master/Slave SPI Serial Interface
̶
Byte-oriented 2-wire Serial Interface (Philips I2C compatible)
̶
Programmable Watchdog Timer with Separate On-chip Oscillator
̶
On-chip Analog Comparator
̶
Interrupt and Wake-up on Pin Change
ATmega48A/PA/88A/PA/168A/PA/328/P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
IN-SYSTEM PROGRAMMABLE FLASH


Similar Part No. - ATMEGA328P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA328P ATMEL-ATMEGA328P Datasheet
420Kb / 26P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATmega328P ATMEL-ATmega328P Datasheet
487Kb / 26P
8-bit Microcontroller with4/8/16/32K Bytes In-System Programmable Flash
ATmega328P ATMEL-ATmega328P Datasheet
5Mb / 345P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATmega328P ATMEL-ATmega328P Datasheet
12Mb / 448P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P Datasheet
499Kb / 32P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA328P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48A ATMEL-ATMEGA48A_11 Datasheet
495Kb / 35P
8-bit Atmel Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48PA-15MZ ATMEL-ATMEGA48PA-15MZ Datasheet
585Kb / 31P
Atmel 8-bit Microcontroller with 4/8/16/32KBytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_14 Datasheet
5Mb / 336P
8-bit Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A_14 Datasheet
1Mb / 39P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA168A ATMEL-ATMEGA168A_14 Datasheet
1Mb / 39P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com