Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA328P Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATMEGA328P
Description  ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA328P Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATMEGA328P Datasheet HTML 6Page - ATMEL Corporation ATMEGA328P Datasheet HTML 7Page - ATMEL Corporation ATMEGA328P Datasheet HTML 8Page - ATMEL Corporation ATMEGA328P Datasheet HTML 9Page - ATMEL Corporation ATMEGA328P Datasheet HTML 10Page - ATMEL Corporation ATMEGA328P Datasheet HTML 11Page - ATMEL Corporation ATMEGA328P Datasheet HTML 12Page - ATMEL Corporation ATMEGA328P Datasheet HTML 13Page - ATMEL Corporation ATMEGA328P Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10
ATmega48A/PA/88A/PA/168A/PA/328/P [DATASHEET]
Atmel-8271JS-AVR- ATmega-Datasheet_11/2015
(0xC0)
UCSR0A
RXC0
TXC0
UDRE0
FE0
DOR0
UPE0
U2X0
MPCM0
191
(0xBF)
Reserved
(0xBE)
Reserved
(0xBD)
TWAMR
TWAM6
TWAM5
TWAM4
TWAM3
TWAM2
TWAM1
TWAM0
–233
(0xBC)
TWCR
TWINT
TWEA
TWSTA
TWSTO
TWWC
TWEN
–TWIE
230
(0xBB)
TWDR
2-wire Serial Interface Data Register
232
(0xBA)
TWAR
TWA6
TWA5
TWA4
TWA3
TWA2
TWA1
TWA0
TWGCE
232
(0xB9)
TWSR
TWS7
TWS6
TWS5
TWS4
TWS3
–TWPS1
TWPS0
231
(0xB8)
TWBR
2-wire Serial Interface Bit Rate Register
230
(0xB7)
Reserved
(0xB6)
ASSR
EXCLK
AS2
TCN2UB
OCR2AUB
OCR2BUB
TCR2AUB
TCR2BUB
158
(0xB5)
Reserved
(0xB4)
OCR2B
Timer/Counter2 Output Compare Register B
157
(0xB3)
OCR2A
Timer/Counter2 Output Compare Register A
157
(0xB2)
TCNT2
Timer/Counter2 (8-bit)
157
(0xB1)
TCCR2B
FOC2A
FOC2B
WGM22
CS22
CS21
CS20
156
(0xB0)
TCCR2A
COM2A1
COM2A0
COM2B1
COM2B0
–WGM21
WGM20
153
(0xAF)
Reserved
(0xAE)
Reserved
(0xAD)
Reserved
(0xAC)
Reserved
(0xAB)
Reserved
(0xAA)
Reserved
(0xA9)
Reserved
(0xA8)
Reserved
(0xA7)
Reserved
(0xA6)
Reserved
(0xA5)
Reserved
(0xA4)
Reserved
(0xA3)
Reserved
(0xA2)
Reserved
(0xA1)
Reserved
(0xA0)
Reserved
(0x9F)
Reserved
(0x9E)
Reserved
(0x9D)
Reserved
(0x9C)
Reserved
(0x9B)
Reserved
(0x9A)
Reserved
(0x99)
Reserved
(0x98)
Reserved
(0x97)
Reserved
(0x96)
Reserved
(0x95)
Reserved
(0x94)
Reserved
(0x93)
Reserved
(0x92)
Reserved
(0x91)
Reserved
(0x90)
Reserved
(0x8F)
Reserved
(0x8E)
Reserved
(0x8D)
Reserved
(0x8C)
Reserved
(0x8B)
OCR1BH
Timer/Counter1 - Output Compare Register B High Byte
135
(0x8A)
OCR1BL
Timer/Counter1 - Output Compare Register B Low Byte
135
(0x89)
OCR1AH
Timer/Counter1 - Output Compare Register A High Byte
135
(0x88)
OCR1AL
Timer/Counter1 - Output Compare Register A Low Byte
135
(0x87)
ICR1H
Timer/Counter1 - Input Capture Register High Byte
135
(0x86)
ICR1L
Timer/Counter1 - Input Capture Register Low Byte
135
(0x85)
TCNT1H
Timer/Counter1 - Counter Register High Byte
134
(0x84)
TCNT1L
Timer/Counter1 - Counter Register Low Byte
134
(0x83)
Reserved
(0x82)
TCCR1C
FOC1A
FOC1B
–134
(0x81)
TCCR1B
ICNC1
ICES1
WGM13
WGM12
CS12
CS11
CS10
133
(0x80)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
–WGM11
WGM10
131
(0x7F)
DIDR1
AIN1D
AIN0D
236
(0x7E)
DIDR0
ADC5D
ADC4D
ADC3D
ADC2D
ADC1D
ADC0D
251
(0x7D)
Reserved
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATMEGA328P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA328P ATMEL-ATMEGA328P Datasheet
420Kb / 26P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P Datasheet
406Kb / 24P
   8-bit AVR Microcontrollers
06/2016
ATmega328P ATMEL-ATmega328P Datasheet
487Kb / 26P
   8-bit Microcontroller with4/8/16/32K Bytes In-System Programmable Flash
ATmega328P ATMEL-ATmega328P Datasheet
5Mb / 345P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATmega328P ATMEL-ATmega328P Datasheet
12Mb / 448P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA328P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48PA-15MZ ATMEL-ATMEGA48PA-15MZ Datasheet
585Kb / 31P
   Atmel 8-bit Microcontroller with 4/8/16/32KBytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA168A ATMEL-ATMEGA168A_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA32A ATMEL-ATMEGA32A_14 Datasheet
5Mb / 336P
   8-bit Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA48A ATMEL-ATMEGA48A_11 Datasheet
495Kb / 35P
   8-bit Atmel Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com