Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA328P Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATMEGA328P
Description  ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA328P Datasheet(HTML) 2 Page - ATMEL Corporation

  ATMEGA328P Datasheet HTML 1Page - ATMEL Corporation ATMEGA328P Datasheet HTML 2Page - ATMEL Corporation ATMEGA328P Datasheet HTML 3Page - ATMEL Corporation ATMEGA328P Datasheet HTML 4Page - ATMEL Corporation ATMEGA328P Datasheet HTML 5Page - ATMEL Corporation ATMEGA328P Datasheet HTML 6Page - ATMEL Corporation ATMEGA328P Datasheet HTML 7Page - ATMEL Corporation ATMEGA328P Datasheet HTML 8Page - ATMEL Corporation ATMEGA328P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
2
ATmega48A/PA/88A/PA/168A/PA/328/P [DATASHEET]
Atmel-8271JS-AVR- ATmega-Datasheet_11/2015
Special Microcontroller Features
̶
Power-on Reset and Programmable Brown-out Detection
̶
Internal Calibrated Oscillator
̶
External and Internal Interrupt Sources
̶
Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby, and Extended Standby
I/O and Packages
̶
23 Programmable I/O Lines
̶
28-pin PDIP, 32-lead TQFP, 28-pad QFN/MLF and 32-pad QFN/MLF
Operating Voltage:
̶
1.8 - 5.5V
Temperature Range:
̶
-40
C to 85C
Speed Grade:
̶
0 - 4MHz@1.8 - 5.5V, 0 - 10MHz@2.7 - 5.5.V, 0 - 20MHz @ 4.5 - 5.5V
Power Consumption at 1MHz, 1.8V, 25
C
̶
Active Mode: 0.2mA
̶
Power-down Mode: 0.1µA
̶
Power-save Mode: 0.75µA (Including 32kHz RTC)


Similar Part No. - ATMEGA328P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA328P ATMEL-ATMEGA328P Datasheet
420Kb / 26P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATmega328P ATMEL-ATmega328P Datasheet
487Kb / 26P
8-bit Microcontroller with4/8/16/32K Bytes In-System Programmable Flash
ATmega328P ATMEL-ATmega328P Datasheet
5Mb / 345P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATmega328P ATMEL-ATmega328P Datasheet
12Mb / 448P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P Datasheet
499Kb / 32P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA328P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48A ATMEL-ATMEGA48A_11 Datasheet
495Kb / 35P
8-bit Atmel Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48PA-15MZ ATMEL-ATMEGA48PA-15MZ Datasheet
585Kb / 31P
Atmel 8-bit Microcontroller with 4/8/16/32KBytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_14 Datasheet
5Mb / 336P
8-bit Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A_14 Datasheet
1Mb / 39P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA168A ATMEL-ATMEGA168A_14 Datasheet
1Mb / 39P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com