Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA328P Datasheet(PDF) 47 Page - ATMEL Corporation

Part # ATMEGA328P
Description  ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA328P Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button ATMEGA328P Datasheet HTML 42Page - ATMEL Corporation ATMEGA328P Datasheet HTML 43Page - ATMEL Corporation ATMEGA328P Datasheet HTML 44Page - ATMEL Corporation ATMEGA328P Datasheet HTML 45Page - ATMEL Corporation ATMEGA328P Datasheet HTML 46Page - ATMEL Corporation ATMEGA328P Datasheet HTML 47Page - ATMEL Corporation ATMEGA328P Datasheet HTML 48Page - ATMEL Corporation ATMEGA328P Datasheet HTML 49Page - ATMEL Corporation ATMEGA328P Datasheet HTML 50Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
47
ATmega48A/PA/88A/PA/168A/PA/328/P [DATASHEET]
Atmel-8271JS-AVR- ATmega-Datasheet_11/2015
12.
Datasheet Revision History
Please note that the referring page numbers in this section are referred to this document. The referring revision
in this section are referring to the document revision.
12.1
Rev. 8271J – 11/2015
12.2
Rev. 8271I – 10/2014
12.3
Rev. 8271H – 08/2014
12.4
Rev. 8271G – 02/2013
12.5
Rev. 8271F – 08/2012
1.
Updated errata sections:
”Errata ATmega48A” on page 632
”Errata ATmega48PA” on page 633
”Errata ATmega88A” on page 634
”Errata ATmega88PA” on page 636
”Errata ATmega168A” on page 638
”Errata ATmega168PA” on page 640
”Errata ATmega328” on page 642
”Errata ATmega328P” on page 645
1.
Several headings have been corrected and electrical characteristics for 105°C have been structured.
1.
Updated text in section Section 16.9.3 ”Fast PWM Mode” on page 123 concerning compare units allowing
generation of PWM waveforms (on page 126), referring to table 16-2.
2.
Updated WDT Assembly code example in Section 10.10.5 ”Watchdog Timer” on page 43 (and onwards)
3.
Updated footnote 1 for tables giving DC Characteristics in ”” on page 314, ”ATmega88PA DC Characteristics –
Current Consumption” on page 315, ”ATmega168PA DC Characteristics – Current Consumption” on page 316 and
”ATmega328P DC Characteristics – Current Consumption” on page 316.
4.
Figure 31-1 on page 318 has been updated with the correct plot.
5.
Figure 31-333 on page 493 has been updated with the correct plot.
6.
Changed description of external interrupt behavior in deep sleep in Section 13. ”External Interrupts” on page 70.
7.
Added wait delay for tWD_FUSE in Table 28-18 on page 296.
7.
Updated errata for rev A of 48PA and 88PA in Section 11.2 on page 31 and Section 11.4 on page 35.
8.
Updated back page and footer according to datasheet template of 05/2014
1.
Added ”Electrical Characteristics (TA = -40°C to 105°C)” on page 313.
2.
Added ”ATmega48PA Typical Characteristics – (TA = -40°C to 105°C)” on page 517.
3.
Added ”ATmega88PA Typical Characteristics – (TA = -40°C to 105°C)” on page 540.
4.
Added ”ATmega168PA Typical Characteristics – (TA = -40°C to 105°C)” on page 563.
5.
Added ”ATmega328P Typical Characteristics – (TA = -40°C to 105°C)” on page 588.
1.
Added ”DC Characteristics” on page 299. The following tables for DC characteristics - TA = -40C to 105C added:
Table 29-2 on page 300
Table 30-3 on page 315
Table 30-4 on page 316
Table 30-5 on page 316
2.
Replaced the following typical characteristics by the plots that include les characteristics at “TA =-40C to 105C”:
”ATmega48PA Typical Characteristics” on page 343


Similar Part No. - ATMEGA328P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA328P ATMEL-ATMEGA328P Datasheet
420Kb / 26P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATmega328P ATMEL-ATmega328P Datasheet
487Kb / 26P
8-bit Microcontroller with4/8/16/32K Bytes In-System Programmable Flash
ATmega328P ATMEL-ATmega328P Datasheet
5Mb / 345P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATmega328P ATMEL-ATmega328P Datasheet
12Mb / 448P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P Datasheet
499Kb / 32P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA328P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48A ATMEL-ATMEGA48A_11 Datasheet
495Kb / 35P
8-bit Atmel Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48PA-15MZ ATMEL-ATMEGA48PA-15MZ Datasheet
585Kb / 31P
Atmel 8-bit Microcontroller with 4/8/16/32KBytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_14 Datasheet
5Mb / 336P
8-bit Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A_14 Datasheet
1Mb / 39P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA168A ATMEL-ATMEGA168A_14 Datasheet
1Mb / 39P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com