Electronic Components Datasheet Search
  English  ▼

X  

DWP-125 Datasheet(PDF) 1 Page - Tyco Electronics

Part # DWP-125
Description  Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DWP-125 Datasheet(HTML) 1 Page - Tyco Electronics

  DWP-125 Datasheet HTML 1Page - Tyco Electronics DWP-125 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DWP-125
Flexible, flame-retardant, adhesive-lined,
polyolefin heat-shrinkable tubing
Adhesive-lined, medium-wall
DWP-125 heat-shrinkable tubing is
a versatile, environmentally friendly
choice for many commercial
applications that require mechanical
protection and sealing against
moisture and chemical ingress.
Typical applications include
environmental sealing and protection
of irregular shapes, such as wire
splices and break-outs, in demanding
industries such as appliance and
satellite communication. DWP-125
tubing has an outer jacket of
radiation-crosslinked, flexible,
flame-retardant polyolefin.
Unlike other typical flame-retardant
tubings, DWP-125 tubing is free of
polybrominated biphenyls (PBBs)
and polybrominated biphenyl oxides
(PBBOs). In Europe, these chemicals
are classified as environmentally
hazardous substances.
As DWP-125 shrinks, the inner
adhesive liner melts and flows to
seal and encapsulate components
or splices contained within.
Because DWP-125 has a three-to-
one shrink ratio, only a few sizes
are needed to cover a wide range of
substrate diameters, enhancing
inventory efficiency. DWP-125 is
UL-recognized and CSA-certified at
125°C, 600 V.
Temperature rating
Full recovery temperature:
125°C
Continuous operating temperature:
–40°C to 110°C
Specifications*
Type
Raychem
UL
CSA
DWP-125
DWP-125 SCD
E35586
LR31929
*When ordering, always specify latest issue.
Dimensions (millimeters/inches)
Inside diameter (including core)
Recovered wall thickness**
D (min.)
d (max.)
W
W1
Expanded
Recovered after
Nominal
Nominal
Size
as supplied
heating
total wall
adhesive wall
1/8
3.2
0.125
1.0
0.040
1.0
0.040
0.25
0.010
3/16
4.8
0.187
1.5
0.060
1.40
0.055
0.51
0.020
1/4
6.4
0.250
2.0
0.080
1.45
0.057
0.56
0.022
3/8
9.5
0.375
3.0
0.120
1.65
0.065
0.68
0.027
1/2
12.7
0.500
4.0
0.157
1.78
0.070
0.76
0.030
3/4
19.0
0.750
6.0
0.230
2.03
0.080
0.76
0.030
1
25.4
1.000
8.0
0.320
2.50
0.100
0.76
0.030
1 1/2
38.1
1.500
13.0
0.530
2.50
0.100
0.76
0.030
2
50.8
2.000
20.0
0.800
2.50
0.100
0.76
0.030
**Wall thickness will be less if tubing recovery is restricted during shrinkage.
Ordering information
Colors
Standard
Black
Nonstandard
Red, yellow, blue, green, and white; other colors available on request.
Size selection
Always order the largest size that will shrink snugly over the component being covered.
Standard packaging
4-foot lengths
Ordering description
Specify product name, size, and color; for example, DWP-125 1/4-0 (0=Black).
®
®
D
W
W1
d
Expanded as supplied
Fully recovered after heating


Similar Part No. - DWP-125

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DWP-125-1/8-KIT3-REFILL MACOM-DWP-125-1/8-KIT3-REFILL Datasheet
1Mb / 42P
RAYCHEM Tubing Products
More results

Similar Description - DWP-125

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGAT MACOM-CGAT Datasheet
48Kb / 2P
Adhesive lined polyolefin heat-shrinkable tubing
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
Semirigid, encapsulant-lined, heat-shrinkable tubing
010083-000 MACOM-010083-000 Datasheet
1Mb / 42P
Semirigid Encapsulant-Lined, Polyolefin Tubing
018307-000 MACOM-018307-000 Datasheet
31Kb / 2P
Very-thin-wall, highly flame-retardant, metric-sized heat-shrinkable tubing
063725P011 MACOM-063725P011 Datasheet
37Kb / 3P
Flame-retardant, adhesive-lined heat-shrinkable tubing (extended temperature range)
logo
List of Unclassifed Man...
13633 ETC1-13633 Datasheet
219Kb / 5P
Normal Wall Flame Retardant Heat Shrink Tubing
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
logo
Adam Technologies, Inc.
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com