Electronic Components Datasheet Search
  English  ▼

X  

DWP-125 Datasheet(PDF) 2 Page - Tyco Electronics

Part # DWP-125
Description  Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DWP-125 Datasheet(HTML) 2 Page - Tyco Electronics

  DWP-125 Datasheet HTML 1Page - Tyco Electronics DWP-125 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tyco Electronics Corporation
300 Constitution Drive
Faraday Road
3816 Noborito, Tama-ku
Asia Pacific Headquarters
Menlo Park, CA 94025-1164
Dorcan, Swindon, SN3 5HH
Kawasaki, Kanagawa 214-8533
26 Ang Mo Kio, Industrial Park 2
USA
United Kingdom
Japan
Singapore 569507
Tel: (800) 926-2425 (US & Canada)
Tel: +44 1793 528171
Tel: +81 44 900 5102
Tel: +65 4866 151
Tel: +1 (650) 361-3860 (All other countries)
Users should independently evaluate the suitability of the product for their application.
For more information about this product visit www.tycoelectronics.com
All information, including illustrations, is believed to be reliable. Users, however, should independently evaluate the suitability of each product for their application. Tyco Electronics Corporation makes
no warranties as to the accuracy or completeness of the information, and disclaims any liability regarding its use. Tyco Electronics Corporation’s only obligations are those in the Standard Terms and
Conditions of Sale for these products and in no case will Tyco Electronics Corporation be liable for any incidental, indirect, or consequential damages arising from the sale, resale, use, or misuse of the
product. Tyco Electronics Corporation’s Specifications are subject to change without notice. In addition, Tyco Electronics Corporation reserves the right to make changes in materials or processing
without notification to the Buyer which do not affect compliance with any applicable specification.
Specification values
Property
Unit
Requirement
Method of test
Physical
Dimensions
mm
(inches)
See reverse
ASTM D 2671
Longitudinal change
percent
+0, –10
ASTM D 2671
Tensile strength
psi
(MPa)
1500
(10.3) minimum
ASTM D 2671
Ultimate elongation
percent
200 minimum
ASTM D 2671
Secant modulus
psi
(MPa)
1.5 x 104
(103) maximum
ASTM D 2671
(as supplied)
Low-temperature flexibility
No cracking
UL 224
(1 hour at –30°C/
–22°F)
Heat shock
No cracking
ASTM D 2671
(4 hours at 250°C/
482°F)
Heat aging
ASTM D 2671
(7 days at 158°C/
316°F)
Followed by tests for:
Tensile strength
percent
70% minimum of original
UL 224
Ultimate elongation
percent
100 minimum
UL 224
Flexibility
No cracking
UL 224
Dielectric withstand
seconds
60 minimum
ASTM D 2671
at 2500 V
Dielectric breakdown
volts
50% minimum of unaged specimens
ASTM D 2671
Dielectric strength
volts/mil
(kV/mm)
500
(19.7) minimum
ASTM D 2671
Restricted shrinkage
Pass
UL 224
Electrical
Dielectric withstand
seconds
60 minimum
ASTM D 2671
at 2500 V
Dielectric strength
volts/mil
(kV/mm)
500
(19.7) minimum
ASTM D 2671
Volume resistivity
ohm-cm
1014 minimum
ASTM D 2671
Chemical
Corrosive effect
No corrosion
ASTM D 2671
(7 days at 158°C/
316°F)
Procedure B
Copper stability
No brittleness, glazing,
ASTM D 2671
(7 days at 158°C/
316°F)
cracking, or severe
Procedure B
discoloration of tubing.
No pitting or blackening of copper.
Followed by test for:
Ultimate elongation
percent
100 minimum
ASTM D 2671
Flammability
Pass
UL 224, all tubing
Note: Except for dimensions, longitudinal change, and flammability, specification values apply to outer jacket only.
Raychem is a trademark of Tyco Electronics Corporation.


Similar Part No. - DWP-125

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DWP-125-1/8-KIT3-REFILL MACOM-DWP-125-1/8-KIT3-REFILL Datasheet
1Mb / 42P
RAYCHEM Tubing Products
More results

Similar Description - DWP-125

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGAT MACOM-CGAT Datasheet
48Kb / 2P
Adhesive lined polyolefin heat-shrinkable tubing
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
Semirigid, encapsulant-lined, heat-shrinkable tubing
010083-000 MACOM-010083-000 Datasheet
1Mb / 42P
Semirigid Encapsulant-Lined, Polyolefin Tubing
018307-000 MACOM-018307-000 Datasheet
31Kb / 2P
Very-thin-wall, highly flame-retardant, metric-sized heat-shrinkable tubing
063725P011 MACOM-063725P011 Datasheet
37Kb / 3P
Flame-retardant, adhesive-lined heat-shrinkable tubing (extended temperature range)
logo
List of Unclassifed Man...
13633 ETC1-13633 Datasheet
219Kb / 5P
Normal Wall Flame Retardant Heat Shrink Tubing
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
logo
Adam Technologies, Inc.
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com